Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFB600 Datasheet(PDF) 2 Page - CUI INC

Part # VFB600
Description  DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFB600 Datasheet(HTML) 2 Page - CUI INC

  VFB600 Datasheet HTML 1Page - CUI INC VFB600 Datasheet HTML 2Page - CUI INC VFB600 Datasheet HTML 3Page - CUI INC VFB600 Datasheet HTML 4Page - CUI INC VFB600 Datasheet HTML 5Page - CUI INC VFB600 Datasheet HTML 6Page - CUI INC VFB600 Datasheet HTML 7Page - CUI INC VFB600 Datasheet HTML 8Page - CUI INC VFB600 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
cui.com
CUI Inc
│ SERIES: VFB600 │ DESCRIPTION: DC-DC CONVERTER
date 09/14/2021
│ page 2 of 12
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
18
36
24
48
36
75
Vdc
Vdc
under voltage shutdown
24 Vdc input
power up
power down
17
16
Vdc
Vdc
48 Vdc input
power up
power down
35
33
Vdc
Vdc
over voltage shutdown
24 Vdc input
power up
power down
38
40
Vdc
Vdc
48 Vdc input
power up
power down
77
80
Vdc
Vdc
start-up time
250
ms
on/off1
positive logic
models ON (0~0.01 mA)
models OFF (1.0~10 mA)
negative logic
models ON (1.0~10 mA)
models OFF (0~0.01 mA)
filter
pifilter
input fuse
60 A time delay fuse for 24 Vin models,
30 A time delay fuse for 48 Vin models
Note:
1. See application notes.
OUTPUT
parameter
conditions/description
min
typ
max
units
output capacitance2
12 Vdc output models
all other models
470
470
10,000
5,000
μF
μF
line regulation2
from low line to high line
±0.2
%
load regulation2
from full load to no load
±0.5
%
voltage accuracy2
±1.5
%
load share accuracy
from 50~100% load
±10
%
adjustability
60
110
%
switching frequency
48 Vdc input: 12 Vdc, 28 Vdc, 32 Vdc models
all other models
300
250
kHz
kHz
transient response
25% load step change
500
μs
temperaturecoefficient
±0.03
%/°C
powergood(IOC)
Vout ready: low level, sink current
Vout not ready: open drain output, applied voltage
20
50
mA
V
auxiliary output voltage/current 10 ±3 Vdc, 20 mA max.
Note:
2.Minimumcapacitorvaluesarerequiredontheoutputtomaintainthespecifiedregulation.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous
over current protection
110
150
%
over voltage protection
115
140
%
over temperature protection
shutdown
110
°C
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com