Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFB600 Datasheet(PDF) 12 Page - CUI INC

Part # VFB600
Description  DC-DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFB600 Datasheet(HTML) 12 Page - CUI INC

Back Button VFB600 Datasheet HTML 4Page - CUI INC VFB600 Datasheet HTML 5Page - CUI INC VFB600 Datasheet HTML 6Page - CUI INC VFB600 Datasheet HTML 7Page - CUI INC VFB600 Datasheet HTML 8Page - CUI INC VFB600 Datasheet HTML 9Page - CUI INC VFB600 Datasheet HTML 10Page - CUI INC VFB600 Datasheet HTML 11Page - CUI INC VFB600 Datasheet HTML 12Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
CUI Inc
│ SERIES: VFB600 │ DESCRIPTION: DC-DC CONVERTER
date 09/14/2021
│ page 12 of 12
CUIoffersatwo(2)yearlimitedwarranty.Completewarrantyinformationislistedonourwebsite.
CUIreservestherighttomakechangestotheproductatanytimewithoutnotice.InformationprovidedbyCUIisbelievedtobeaccurateandreliable.However,noresponsibilityis
assumedbyCUIforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartieswhichmayresultfromitsuse.
CUIproductsarenotauthorizedorwarrantedforuseascriticalcomponentsinequipmentthatrequiresanextremelyhighlevelofreliability.Acriticalcomponentisanycomponentofa
lifesupportdeviceorsystemwhosefailuretoperformcanbereasonablyexpectedtocausethefailureofthelifesupportdeviceorsystem,ortoaffectitssafetyoreffectiveness.
Headquarters
20050 SW 112th Ave.
Tualatin, OR 97062
800.275.4899
Fax 503.612.2383
cui.com
techsupport@cui.com
rev.
description
date
1.0
initial release
06/27/2011
1.02
adjustabilitynoteadded,V-Infinitybrandingremoved
08/07/2012
1.03
updated spec
04/01/2013
1.04
added UL approvals to 24 Vdc and 48 Vdc output models
03/05/2014
1.05
added application note information
04/10/2017
1.06
product image and company logo updated
02/15/2021
1.07
deratingcurves,efficiencycurvesandcircuitfiguresupdated
09/14/2021
The revision history provided is for informational purposes only and is believed to be accurate.
REVISION HISTORY
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com