Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VHS1-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VHS1-SIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHS1-SIP Datasheet(HTML) 3 Page - CUI INC

  VHS1-SIP Datasheet HTML 1Page - CUI INC VHS1-SIP Datasheet HTML 2Page - CUI INC VHS1-SIP Datasheet HTML 3Page - CUI INC VHS1-SIP Datasheet HTML 4Page - CUI INC VHS1-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VHS1-SIP │ DESCRIPTION: DC-DC CONVERTER
date 07/09/2021
│ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
19.50 x 9.80 x 12.50 (0.768 x 0.386 x 0.492 inch)
mm
case material
plastic (UL94-V0)
weight
4.2
g
19.50[0.768]
9.80 [0.386]
12.50 [0.492]
4.10 [0.161]
7.62 [0.300]
2.54 [0.100]
0.50 [0.020]
2.00 [0.079]
3.20 [0.126]
0.50 [0.020]
0.30 [0.012]
1 2
6 7
5
(SideView)
(BottomView)
1 27
5
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
GND
5
0 V
6
No PIN
7
+Vo
units: mm [inches]
tolerance: ±0.25 [±0.010]
pin section tolerance: ±0.10 mm [±0.004]
DERATING CURVES
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com