Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VHS1-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VHS1-SIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHS1-SIP Datasheet(HTML) 1 Page - CUI INC

  VHS1-SIP Datasheet HTML 1Page - CUI INC VHS1-SIP Datasheet HTML 2Page - CUI INC VHS1-SIP Datasheet HTML 3Page - CUI INC VHS1-SIP Datasheet HTML 4Page - CUI INC VHS1-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 07/09/2021
page 1 of 5
SERIES: VHS1-SIP
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 5
FEATURES
• 1 W isolated output
• industry standard 7 pin SIP package
• single unregulated outputs
• 6,000 V isolation
• short circuit protection
• UL safety approvals
• wide temperature (-40~105°C)
• efficiency up to 82%
RoHS
PART NUMBER KEY
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VHS1-S5-S5-SIP
5
4.5~5.5
5
20
200
1
200
78
VHS1-S5-S9-SIP
5
4.5~5.5
9
12
111
1
200
79
VHS1-S5-S12-SIP
5
4.5~5.5
12
9
84
1
200
79
VHS1-S5-S15-SIP
5
4.5~5.5
15
7
67
1
200
79
VHS1-S12-S5-SIP
12
10.8~13.2
5
20
200
1
200
80
VHS1-S12-S9-SIP
12
10.8~13.2
9
12
111
1
200
82
VHS1-S12-S12-SIP
12
10.8~13.2
12
9
84
1
200
81
VHS1-S12-S15-SIP
12
10.8~13.2
15
7
67
1
200
82
Notes:
1. ripple and noise are measured at 20 MHz BW
VHS1 - SXX - SXX -SIP
Input Voltage
Output Voltage
Base Number
Packaging Style
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - VHS1-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHS1-SIP CUI-VHS1-SIP Datasheet
143Kb / 3P
Dc-Dc Converter
VHS1-SIP CUI-VHS1-SIP Datasheet
201Kb / 5P
DC-DC CONVERTER
VHS1-SIP CUI-VHS1-SIP_12 Datasheet
201Kb / 5P
DC-DC CONVERTER
More results

Similar Description - VHS1-SIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com