Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAM8907 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8907
Description  31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8907 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8907 Datasheet HTML 1Page - Diodes Incorporated PAM8907 Datasheet HTML 2Page - Diodes Incorporated PAM8907 Datasheet HTML 3Page - Diodes Incorporated PAM8907 Datasheet HTML 4Page - Diodes Incorporated PAM8907 Datasheet HTML 5Page - Diodes Incorporated PAM8907 Datasheet HTML 6Page - Diodes Incorporated PAM8907 Datasheet HTML 7Page - Diodes Incorporated PAM8907 Datasheet HTML 8Page - Diodes Incorporated PAM8907 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PAM8907
Document number: DS43314 Rev. 2 - 2
3 of 10
www.diodes.com
May 2021
© Diodes Incorporated
PAM8907
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Value
Unit
VIN
Supply Voltage
-0.3 to 6.0
V
VIH
High-Level Input Voltage
-0.3 to 6.0
V
VIL
Low-Level Input Voltage
-0.3 to 6.0
V
TA
Operating Free-Air Temperature Range
-40 to +125
°C
TJ
Operating Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Recommended Operating Conditions (@ TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Min
Max
Unit
VIN
Supply Voltage
1.8
5.5
V
VIH
High-Level Input Voltage
DIN
1.2 to VIN+ 0.3
V
VIL
Low-Level Input Voltage
DIN
-0.3
0.4
V
TA
Operating Free-Air Temperature
-40
+85
°C
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance (Junction to Ambient)
JA
U-QFN2020-10
68
°C/W
Thermal Resistance (Junction to Case)
JC
U-QFN2020-10
25
°C/W
Electrical Characteristics (@TA = +25°C, VIN = 3.0V, CPIEZO = 33nF, fDIN = 3.2kHz, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VIN
1.8
5.5
V
Output Voltage Range
VOUT
Boost Output Voltage (VSET Pin L/H)
11
V
15.6
Shutdown Current
ISD
VDIN = 0V
0
0.03
1
µA
Oscillating Frequency
fOSC
Boost Frequency
1.8
MHz
Static Drain to Source
On-State Resistor
RDS(ON)
High Side, I = 100mA
7.5
Ω
Low Side, I = 100mA
3
Ω
VOUT Start Delay Time
tON
From DIN Signal High to 90% VOUT Steady
State
1.1
ms
Shutdown Delay Time
tOFF
From DIN = H- > L, VOUT to GND
104
ms
Output Short-Circuit Current
ISC
OUTP and OUTN short
14
mA
Control Terminal Voltage H
VIH
DIN Pin
1.5
VIN
V
Control Terminal Voltage L
VIL
DIN Pin
0
0.4
V
Control Terminal Current H
IIH
DIN = VIN
2
10
µA
Control Terminal Current L
IIL
DIN = 0
0.01
1
µA
Over Temperature Threshold
OTP
+150
°C
Over Temperature Protection
Hysteresis
+30
°C
.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com