Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDS5100Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS5100Q
Description  5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS5100Q Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS5100Q Datasheet HTML 1Page - Diodes Incorporated PDS5100Q Datasheet HTML 2Page - Diodes Incorporated PDS5100Q Datasheet HTML 3Page - Diodes Incorporated PDS5100Q Datasheet HTML 4Page - Diodes Incorporated PDS5100Q Datasheet HTML 5Page - Diodes Incorporated PDS5100Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS5100Q
Document number: DS36996 Rev. 2 - 2
1 of 6
www.diodes.com
June 2015
© Diodes Incorporated
PDS5100Q
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
POWERDI
®5
Product Summary
VR(V)
IF (A)
VF MAX (V)
@ +25°C
IR MAX (mA)
@ +25°C
100
5.0
0.79
0.2
Description and Applications
This Schottky Barrier Rectifier is designed to meet the stringent
requirements of automotive applications. It is ideally suited to use as:
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
Features and Benefits
Guard Ring Die Construction for Transient Protection
High Surge Current Capability
Low Leakage Current
Low Forward Voltage Drop
High Forward Surge Current Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: POWERDI
®
5
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.093 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
PDS5100Q-13D
Automotive
POWERDI
®5
5,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
6.
“D” suffix designate for the 12mm Tape and Reel option.
Marking Information
Top View
Bottom View
S5100 = Product type Marking Code
= Manufacturers’ Code Marking
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 15 for 2015)
WW = Week Code (01 - 53)
K = Factory Designator
Y Y W W K
S 5 1 0 0
Green
POWERDI
®
5
POWERDI
®
5


Similar Part No. - PDS5100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS5100Q DIODES-PDS5100Q_15 Datasheet
431Kb / 6P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev 2
More results

Similar Description - PDS5100Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM5100 DIODES-MBRM5100 Datasheet
76Kb / 3P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30141 Rev. 2 - 2
PDS5100H DIODES-PDS5100H Datasheet
97Kb / 3P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30471 Rev. 14 - 2
PDS5100 DIODES-PDS5100 Datasheet
112Kb / 3P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30483 Rev. 6 - 2
PDS5100H DIODES-PDS5100H_1 Datasheet
489Kb / 4P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30471 Rev. 18 - 2
PDS5100H DIODES-PDS5100H_10 Datasheet
99Kb / 5P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30471 Rev. 20 - 2
PDS5100 DIODES-PDS5100_10 Datasheet
101Kb / 5P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30483 Rev. 10 - 2
MBRM5100-13-F DIODES-MBRM5100-13-F Datasheet
105Kb / 3P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse
PDS5100Q DIODES-PDS5100Q_15 Datasheet
431Kb / 6P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev 2
PDS5100H DIODES-PDS5100H_15 Datasheet
208Kb / 5P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
Rev 24
PDS5100 DIODES-PDS5100_15 Datasheet
369Kb / 6P
5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
Rev 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com