Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDS5100Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS5100Q
Description  5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS5100Q Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS5100Q Datasheet HTML 1Page - Diodes Incorporated PDS5100Q Datasheet HTML 2Page - Diodes Incorporated PDS5100Q Datasheet HTML 3Page - Diodes Incorporated PDS5100Q Datasheet HTML 4Page - Diodes Incorporated PDS5100Q Datasheet HTML 5Page - Diodes Incorporated PDS5100Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
PDS5100Q
Document number: DS36996 Rev. 2 - 2
3 of 6
www.diodes.com
June 2015
© Diodes Incorporated
PDS5100Q
0
1
2
3
4
0
1
3
2
4
5
6
7
8
9
10
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0.00001
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 150°C
J
T = 125°C
J
T = 100°C
J
T = 85°C
J
T = 25°C
J
T = -65°C
J
0
20
40
60
100
80
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = -65 C
J
°
T = 25 C
J
°
0.01
0.1
1
10
0.001
0.0001
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics
R
0.01
0.1
1.0
10
0
20
40
60
100
80
0
50
100
150
250
300
350
400
200
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
Fig. 5 Total Capacitance vs. Reverse Voltage
R
0
1.5
3.0
4.5
7.5
6.0
0
25
75
100
50
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 6 Forward Current Derating Curve
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com