Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9161BBCZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 57Page - Analog Devices AD9161BBCZ Datasheet HTML 58Page - Analog Devices AD9161BBCZ Datasheet HTML 59Page - Analog Devices AD9161BBCZ Datasheet HTML 60Page - Analog Devices AD9161BBCZ Datasheet HTML 61Page - Analog Devices AD9161BBCZ Datasheet HTML 62Page - Analog Devices AD9161BBCZ Datasheet HTML 63Page - Analog Devices AD9161BBCZ Datasheet HTML 64Page - Analog Devices AD9161BBCZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 61 of 144
The STPL test ensures that each sample from each converter is
mapped appropriately according to the number of converters
(M) and the number of samples per converter (S). As specified
in the JESD204B standard, the converter manufacturer specifies
what test samples are transmitted. Each sample must have a
unique value. For example, if M = 2 and S = 2, four unique
samples are transmitted repeatedly until the test is stopped. The
expected sample must be programmed into the device and the
expected sample is compared to the received sample one sample
at a time until all are tested. The process for performing this test
on the AD9161/AD9162 is described as follows:
1. Synchronize the JESD204B link.
2. Enable the STPL test at the JESD204B Tx.
3. Depending on JESD204B case, there may be up to two
DACs, and each frame may contain up to four DAC
samples. Configure the SHORT_TPL_REF_SP_MSB bits
(Register 0x32E) and SHORT_TPL_REF_SP_LSB bits
(Register 0x32D) to match one of the samples for one
converter within one frame.
4. Set SHORT_TPL_SP_SEL (Register 0x32C, Bits[7:4]) to
select the sample within one frame for the selected
converter according to Table 31.
5. Set SHORT_TPL_TEST_EN (Register 0x32C, Bit 0) to 1.
6. Set SHORT_TPL_TEST_RESET (Register 0x32C, Bit 1) to
1, then back to 0.
7. Wait for the desired time. The desired time is calculated as
1/(sample rate × BER). For example, given a bit error rate
of BER = 1 × 10−10 and a sample rate = 1 GSPS, the desired
time = 10 sec.
8. Read the test result at SHORT_TPL_FAIL (Register 0x32F,
Bit 0).
9. Choose another sample for the same or another converter
to continue with the test, until all samples for both
converters from one frame are verified. (Note that the
converter count is M = 2 for all interpolator modes on the
AD9161/AD9162 to enable complex signal processing.)
Consult Table 31 for a guide to the test sample alignment. Note
that the sample order for 1×, eight-lane mode has Sample 1 and
Sample 2 swapped. Also, the STPL test for the three-lane and
six-lane options is not functional and always fails.
Table 31. Short TPL Test Samples Assignment1
JESD204x Mode
Required Samples from JESD204x Tx
Samples Assignment
1× Eight-Lane (L = 8, M = 1, F = 1, S = 4)
Send four samples: M0S0, M0S1, M0S2,
M0S3, and repeat
SP0: M0S0, SP4: M0S0, SP8: M0S0, SP12: M0S0
SP1: M0S2, SP5: M0S2, SP9: M0S2, SP13: M0S2
SP2: M0S1, SP6: M0S1, SP10: M0S1, SP14: M0S1
SP3: M0S3, SP7: M0S3, SP11: M0S3, SP15: M0S3
2× Eight-Lane (L = 8, M = 2, F = 1, S = 2)
Send four samples: M0S0, M0S1, M1S0,
M1S1, and repeat
SP0: M0S0, SP4: M0S0, SP8: M0S0, SP12: M0S0
3× Eight-Lane (L = 8, M = 2, F = 1, S = 2)
SP1: M1S0, SP5: M1S0, SP9: M1S0, SP13: M1S0
4× Eight-Lane (L = 8, M = 2, F = 1, S = 2)
SP2: M0S1, SP6: M0S1, SP10: M0S1, SP14: M0S1
6× Eight-Lane (L = 8, M = 2, F = 1, S = 2)
SP3: M1S1, SP7: M1S1, SP11: M1S1, SP15: M1S1
8× Eight-Lane (L = 8, M = 2, F = 1, S = 2)
12× Eight-Lane e (L = 8, M = 2, F = 1, S = 2)
16× Eight-Lane (L = 8, M = 2, F = 1, S = 2)
24× Eight-Lane (L = 8, M = 2, F = 1, S = 2)
2× Six-Lane (L = 6, M = 2, F = 2, S = 3)
Send six samples: M0S0, M0S1, M0S2,
M1S0, M1S1, M1S2, and repeat
Test hardware is not functional; STPL always fails
3× Six-Lane (L = 6, M = 2, F = 2, S = 3)
4× Six-Lane (L = 6, M = 2, F = 2, S = 3)
6× Six-Lane (L = 6, M = 2, F = 2, S = 3)
8× Six-Lane (L = 6, M = 2, F = 2, S = 3)
12× Six-Lane (L = 6, M = 2, F = 2, S = 3)
16× Six-Lane (L = 6, M = 2, F = 2, S = 3)
24× Six-Lane (L = 6, M = 2, F = 2, S = 3)
4× Three-Lane (L = 3, M = 2, F = 4, S = 3)
6× Three-Lane (L = 3, M = 2, F = 4, S = 3)
8× Three-Lane (L = 3, M = 2, F = 4, S = 3)
12× Three-Lane (L = 3, M = 2, F = 4, S = 3)
16× Three-Lane (L = 3, M = 2, F = 4, S = 3)
24× Three-Lane (L = 3, M = 2, F = 4, S = 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More