Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9161BBCZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 67Page - Analog Devices AD9161BBCZ Datasheet HTML 68Page - Analog Devices AD9161BBCZ Datasheet HTML 69Page - Analog Devices AD9161BBCZ Datasheet HTML 70Page - Analog Devices AD9161BBCZ Datasheet HTML 71Page - Analog Devices AD9161BBCZ Datasheet HTML 72Page - Analog Devices AD9161BBCZ Datasheet HTML 73Page - Analog Devices AD9161BBCZ Datasheet HTML 74Page - Analog Devices AD9161BBCZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 71 of 144
There are several transmit enable features, including a TX_
ENABLE register that can be used to squelch data at several
points in the datapath or configure the TX_ENABLE pin to do
likewise.
Transmit Enable
The transmit enable feature can be configured either as a SPI
controlled function or a pin controlled function. It can be used
for several different purposes. The SPI controlled function has
less accurate timing due to its reliance on a microcontroller to
program it; therefore, it is typically used as a preventative measure
at power-up or when configuring the device.
The SPI controlled TX_ENABLE function can be used to zero
the input to the digital datapath or to zero the output from the
digital datapath, as shown in Figure 174. If the input to the
digital datapath is zeroed, any filtering that is selected filters the
0 signal, causing a gradual ramp-down of energy in the digital
datapath. If the digital datapath is bypassed, as in 1÷ mode, the
data at the input to the DAC immediately drops to zero.
The TX_ENABLE pin can be used for more accurate timing
when enabling or disabling the DAC output. The effect of the
TX_ENABLE pin can be configured by the same TX_ENABLE
register (Register 0x03F) as is used for the SPI controlled func-
tions, and it can be made to have the same effects as the SPI
controlled function, namely to zero the input to the digital
datapath or to zero the output from the digital datapath. In
addition, the TX_ENABLE pin can also be configured to ramp
down (or up) the full-scale current of the DAC. The ramp down
reduces the output power of the DAC by about 20 dB from full
scale to the minimum output current.
The TX_ENABLE pin can also be programmed to reset the
NCO phase accumulator. See Table 38 for a description of the
settings available for the TX_ENABLE function.
DATAPATH PRBS
The datapath PRBS can verify that the AD9161/AD9162 datapaths
receive and correctly decode data. The datapath PRBS verifies
that the JESD204B parameters of the transmitter and receiver
match, the lanes of the receiver are mapped appropriately, the lanes
are appropriately inverted, and, if necessary, the start-up routine
is correctly implemented.
To run the datapath PRBS test, complete the following steps:
1. Set up the device in the desired operating mode using the
start-up sequence.
2. Send PRBS7 or PRBS15 data.
3. Write Register 0x14, Bit 2 = 0 for PRBS7 or 1 for PRBS15.
4. Write Register 0x14B, Bits[1:0] = 0b11 to enable and reset
the PRBS test.
5. Write Register 0x14B, Bits[1:0] = 0b01 to enable the PRBS
test and release reset.
6. Wait 500 ms.
7. Check the status of the PRBS by checking the IRQ for the
I and Q path PRBS as described in the Datapath PRBS IRQ
section.
8. Read Register 0x14B, Bits [7:6]. Bit 6 is 0 if the I channel
has any errors. Bit 7 is 0 if the Q channel has any errors.
9. Read Register 0x14C to read the error count for the I channel.
10. Read Register 0x14D to read the error count for the Q
channel. The PRBS processes 32 bits at a time and
compares the 32 new bits to the previous set of 32 bits. It
detects and reports only one error in every group of 32 bits;
therefore, the error count partly depends on when the
errors are seen.
For example, see the following sequence:
•
Bits: 32 good, 31 good, 1 bad; 32 good [2 errors]
•
Bits: 32 good, 22 good, 10 bad; 32 good [2 errors]
•
Bits: 32 good, 31 good, 1 bad; 31 good, 1 bad; 32 good
[3 errors]
DATAPATH PRBS IRQ
The PRBS fail signals for the I and Q path are available as IRQ
events. Use Register 0x020, Bits [1:0] to enable the fail signals,
and then use Register 0x024, Bits [1:0] to read back the status
and reset the IRQ signals. See the Interrupt Request Operation
section for more information.
Table 38. TX_ENABLE Settings
Register 0x03F
Setting
Description
Bit 7
0
SPI control: zero data to the DAC
1
SPI control: allow data to pass to the DAC
Bit 6
0
SPI control: zero data at input to the datapath
1
SPI control: allow data to enter the datapath
Bits[5:4]
N/A1
Reserved
Bit 3
0
Use SPI writes to reset the NCO2
1
Use TX_ENABLE to reset the NCO
Bit 2
0
Use SPI control to zero data to the DAC
1
Use TX_ENABLE pin to zero data to the DAC
Bit 1
0
Use SPI control to zero data at the input to the datapath
1
Use TX_ENABLE pin to zero data at input to the datapath
Bit 0
0
Use SPI registers to control the full-scale current
1
Use TX_ENABLE pin to control the full-scale current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com