Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF20 Datasheet(PDF) 2 Page - CUI INC

Part # PRF20
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRF20 Datasheet(HTML) 2 Page - CUI INC

  PRF20 Datasheet HTML 1Page - CUI INC PRF20 Datasheet HTML 2Page - CUI INC PRF20 Datasheet HTML 3Page - CUI INC PRF20 Datasheet HTML 4Page - CUI INC PRF20 Datasheet HTML 5Page - CUI INC PRF20 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRF20 │ DESCRIPTION: DC-DC CONVERTER
date 03/10/2022
│ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
43
110
160
Vdc
under voltage shutdown
power up
power down
40
38
Vdc
Vdc
surge voltage
for maximum of 100 ms
200
Vdc
start-up time
single output models
dual output models
15
25
ms
ms
remote1
positive logic
models ON (open or 3.5~75 Vdc)
models OFF (0~1.2 Vdc)
negative logic
models ON (0~1.2 Vdc)
models OFF (open or 3.5~75 Vdc)
filter
pifilter
Note:
1. Open collector refer to -Vin.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
5V output model
12V output model
15V output model
±12V output model
±15V output model
5600
1000
1000
±680
±350
μF
μF
μF
μF
μF
line regulation
from high line to low line
±0.2
%
load regulation
from full load to no load
single output models
dual output models
±0.5
±1
%
%
cross regulation
dual output models, load cross variation 10%/100%
±5
%
voltage accuracy
±1.5
%
adjustability2
±10
%
switching frequency
250
KHz
transient response
25% load step change
250
μs
temperaturecoefficient
±0.03
%/°C
Note:
2. Output trimming available on single output models only
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous
over current protection
110
160
%
over voltage protection
protected by internal zener or TVS clamp
5V output model
12V output model
15V output model
±12V output model
±15V output model
6.2
15
18
±15
±18
Vdc
Vdc
Vdc
Vdc
Vdc
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
2,250
Vdc
isolation resistance
1000
MΩ
safety approvals
UL60950-1
EMI/EMC
EN55022 class A, EN50155 (external circuit required)
RoHS
2011/65/EU
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com