Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF20 Datasheet(PDF) 1 Page - CUI INC

Part # PRF20
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRF20 Datasheet(HTML) 1 Page - CUI INC

  PRF20 Datasheet HTML 1Page - CUI INC PRF20 Datasheet HTML 2Page - CUI INC PRF20 Datasheet HTML 3Page - CUI INC PRF20 Datasheet HTML 4Page - CUI INC PRF20 Datasheet HTML 5Page - CUI INC PRF20 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 03/10/2022
page 1 of 6
SERIES: PRF20
│ DESCRIPTION: DC-DC CONVERTER
date
page 1 of 6
FEATURES
• up to 20 W isolated output
• 4:1 input range (43~160 V)
• smaller package
• single/dual regulated outputs
• meets European EN50155 railway standard
• 2,250 Vdc isolation
• continuous short circuit, over current protection, over voltage protection
• built-in remote on/off
• wide operating temperature range (-40~85°C)
• efficiency up to 90%
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PRF20-Q110-S5
110
43~160
5
0
4000
20
75
88.5
PRF20-Q110-S12
110
43~160
12
0
1670
20
100
90
PRF20-Q110-S15
110
43~160
15
0
1330
20
100
89.5
PRF20-Q110-D12
110
43~160
±12
0
±833
20
100
89
PRF20-Q110-D15
110
43~160
±15
0
±667
20
100
88.5
Note:
1.Rippleandnoisearemeasuredat20MHzBWbyand1μFceramiccapacitoracrosseachoutput.
PRF20 - Q110 - XXXX
PART NUMBER KEY
Output Voltage
Base Number
S = single
D = dual
Output
RemoteOn/OffControl
"blank" = positive logic
N = negative logic
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PRF20

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRF20 CUI-PRF20 Datasheet
333Kb / 6P
DC-DC CONVERTER
PRF20-Q110-D12 CUI-PRF20-Q110-D12 Datasheet
333Kb / 6P
DC-DC CONVERTER
PRF20-Q110-D15 CUI-PRF20-Q110-D15 Datasheet
333Kb / 6P
DC-DC CONVERTER
PRF20-Q110-S12 CUI-PRF20-Q110-S12 Datasheet
333Kb / 6P
DC-DC CONVERTER
PRF20-Q110-S15 CUI-PRF20-Q110-S15 Datasheet
333Kb / 6P
DC-DC CONVERTER
More results

Similar Description - PRF20

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com