Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI5USB2546AQ Datasheet(PDF) 16 Page - Diodes Incorporated

Part # PI5USB2546AQ
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546AQ Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button PI5USB2546AQ Datasheet HTML 12Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 13Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 14Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 15Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 16Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 17Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 18Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 19Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
PI5USB2546AQ
www.diodes.com
July 2018
Document Number DS41253 Rev 1-2
16
© Diodes Incorporated
PI5USB2546AQ
Wake on USB Feature (Mouse/Keyboard Wake Feature)
USB 2.0 Background Information
The PI5USB2546AQ data lines interface with USB 2.0 devices. USB 2.0 defines three types of devices according to data rate.
These devices and their characteristics relevant to PI5USB2546AQ series Wake on USB operation are shown below:
Low-speed USB devices
1.5 Mb/s
Wired mice and keyboards are examples
No devices that need battery charging
All signaling performed at 2.0V and 0.8V hi/lo logic levels
D- high to signal connect and when placed into suspend
D- high when not transmitting data packets
Full-speed USB devices
12 Mb/s
Wireless mice and keyboards are examples
Legacy phones and music players are examples
Some legacy devices that need battery charging
All signaling performed at 2.0V and 0.8V hi/lo logic levels
D+ high to signal connect and when placed into suspend
D+ high when not transmitting data packets
High-speed USB devices
480 Mb/s
Tablets, phones and music players are examples
Many devices that need battery charging
Connect and suspend signaling performed at 2.0V and 0.8V hi/lo logic levels
Data packet signaling performed a logic levels below 0.8V
D+ high to signal connect and when placed into suspend (same as a full-speed device)
D+ and D- low when not transmitting data packets
Wake On USB
Wake on USB is the ability of a wake configured USB device to wake a computer system from its S3 sleep state back to its S0
working state. Wake on USB requires the data lines to be connected to the system USB host before the system is placed into its
S3 sleep state and remain continuously connected until they are used to wake the system.
The PI5USB2546AQ supports low and full speed HID (human interface device like mouse/key board) wake function. There are
two scenarios under which wake on mouse are supported by the PI5USB2546AQ series. The specific CTL pin changes that the
PI5USB2546AQ will override are shown below. The information is presented as CTL1, CTL2 and CTL3.The ILIM_SEL pin
plays no role
1.
111 (CDP/SDP2) to 011 (DCP-Auto)
2.
110/010 (SDP1) to 011 (DCP-Auto)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com