Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI5USB2546AQ Datasheet(PDF) 22 Page - Diodes Incorporated

Part # PI5USB2546AQ
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546AQ Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button PI5USB2546AQ Datasheet HTML 18Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 19Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 20Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 21Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 22Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 23Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 24Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 25Page - Diodes Incorporated PI5USB2546AQ Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PI5USB2546AQ
www.diodes.com
July 2018
Document Number DS41253 Rev 1-2
22
© Diodes Incorporated
PI5USB2546AQ
Implementing Power Wake in Notebook System
An implementation of power wake in notebook platforms with the PI5USB2546AQ is shown as below. Power wake function is
used to select between a high power DC-DC converter and low power LDO (100mA) based on charging requirements. System
power saving is achieved when under no charging conditions (the connected device is fully charged or no device is connected)
the DC-DC converter is turned-off (to save power since it is less efficient in low power operating region) and the low power
LDO supplies standby power to the charging port.
Power wake is activated in S4/S5 mode (0011 setting, see device truth table), PI5PI5USB2546AQ is charging connected device
as shown as case 1, /STATUS is pulled LO (Case 1) which switches-out the LDO and switches-in the DC-DC converter to
handle high current charging.
Figure 7, Case 1: System in S4/S5, Device Charging
As shown in Case 2A (Figure 8) and Case 2B (Figure 9), when connected device is fully charged or gets disconnected from the
charging port, the charging current will fall. If charging current falls to <45mA and stays below this threshold for over 15s,
PI5USB2546AQ automatically sets a 55mA internal current limit and /STATUS is de-asserted (pulled HI). As shown in Case
2A and Case 2B. This results in DC-DC converter turning off and the LDO turning on. Current limit of 55mA is set to prevent
the low power LDO output voltage from collapsing in case there is a spike in current draw due to device attachment or other
activity such as display panel LED turning ON in connected device.
Following Power Wake flow chart when a device is attached and draws >55mA of charging current the PI5USB2546AQ will
hit its internal current limit. This will trigger the device to assert /STATUS (LO) and turn on the DC-DC converter and turn off
the LDO. PI5USB2546AQ will discharge OUT for >2s (typ.) to allow the main power supply to turn on. After the discharge the
device will turn back on with current limit set by ILIM_HI (Case 1, Figure 7)
Peripheral
Device
ChargingDr
LDO Disconnected/Shut-Down
DC-DC Switch-In
Note: DC/DC and LDO switch
based on STATUS.
Power Block
19V
EN
EN
5V DC/DC
5V LDO
IN
System
Controller
DM
DP
OC
I/O_EN
STATUS
EN
FAULT
DM_OUT
OTSD
DP_OUT
EN
CTL1
CTL2
CTL3
ILIM_SEL
PI5USB2546AQ
/PI5USB2546A
OUT
DM_IN
DP_IN
GND
ILIM_LO
ILIM_HI
VBUS
D-
D+
GND
0011
1DM
Ilimit set by
Divider
Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com