Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KVI-CP-3-GS-GD-2 Datasheet(PDF) 1 Page - Festo Corporation.

Part # KVI-CP-3-GS-GD-2
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

KVI-CP-3-GS-GD-2 Datasheet(HTML) 1 Page - Festo Corporation.

  KVI-CP-3-GS-GD-2 Datasheet HTML 1Page - Festo Corporation. KVI-CP-3-GS-GD-2 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
KVI-CP-3-GS-GD-2
Part number: 540332
Data sheet
Feature
Value
Additional functions
Contact 3 of socket 1 mm leading
Cable designation
With accessories
Contact durability
500
Product weight
113.8 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Round
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
M9x0.5
Electrical connection 1, number of pins/wires
5
Electrical connection 1, occupied pins/wires
5
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection for input 1, connection pattern
00995398
Electrical connection 2, function
Control side
Electrical connection 2, design
Round
Electrical connection 2, connection type
Plug
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
M9x0.5
Electrical connection 2, number of pins/wires
5
Electrical connection 2, occupied pins/wires
5
Electrical connection 2, type of mounting
Screw-type lock
Electrical connection 2, connection pattern
00992012
DC operating voltage range
0 V ... 30 V
Current rating at 40°C
1.6 A
Note on acceptable current load at 40°C
2.3 A for 0.34 mm²
3.6 A for 0.49 mm²
Surge resistance
1.5 kV
Cable length
2 m
Cable characteristic
Suitable for energy chains
Connector cable test conditions
Test conditions on request
Bending radius, flexible cable installation
≥75 mm
Cable diameter
5.5 mm
Cable design
2 x 0.25 mm² + 2 x 0.34 mm² + 0.49 mm²
Shielded
4/20/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - KVI-CP-3-GS-GD-2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
KVI-CP-3-GS-GD-5 FESTO-KVI-CP-3-GS-GD-5 Datasheet
85Kb / 2P
Connecting cable
4/20/22
KVI-CP-3-GS-GD-8 FESTO-KVI-CP-3-GS-GD-8 Datasheet
86Kb / 2P
Connecting cable
4/20/22
More results

Similar Description - KVI-CP-3-GS-GD-2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com