Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KVI-CP-3-GS-GD-2 Datasheet(PDF) 2 Page - Festo Corporation.

Part # KVI-CP-3-GS-GD-2
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

KVI-CP-3-GS-GD-2 Datasheet(HTML) 2 Page - Festo Corporation.

  KVI-CP-3-GS-GD-2 Datasheet HTML 1Page - Festo Corporation. KVI-CP-3-GS-GD-2 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Nominal conductor cross section
0.49 mm²
Degree of protection
IP65
IP67
Note on degree of protection
In mounted state
Ambient temperature
-20 °C ... 80 °C
Ambient temperature with flexible cable installation
-5 °C ... 80 °C
Note on materials
RoHS-compliant
Contamination level
1
Corrosion resistance class (CRC)
1 - Low corrosion stress
Material of cable sheath
TPE-U(PUR)
Color cable sheath
Light gray
Housing material
PA
PBT
TPE-U(PUR)
Housing colour
Black
Material of screw-type lock
Brass, nickel-plated
Material of pin contacts
Bronze, gold-plated
Brass, gold-plated
Insulating sheath material
TPE-U(PUR)
4/20/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com