Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST6G3238E Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST6G3238E
Description  Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E Datasheet(HTML) 3 Page - STMicroelectronics

  ST6G3238E Datasheet HTML 1Page - STMicroelectronics ST6G3238E Datasheet HTML 2Page - STMicroelectronics ST6G3238E Datasheet HTML 3Page - STMicroelectronics ST6G3238E Datasheet HTML 4Page - STMicroelectronics ST6G3238E Datasheet HTML 5Page - STMicroelectronics ST6G3238E Datasheet HTML 6Page - STMicroelectronics ST6G3238E Datasheet HTML 7Page - STMicroelectronics ST6G3238E Datasheet HTML 8Page - STMicroelectronics ST6G3238E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ST6G3238E
Logic Diagram
3/17
1
Logic Diagram
Figure 1.
Block Diagram
Table 1.
Integrated ESD protection and resistor on B-Side
Resistors
Value
Bi-directional Zener diodes
R1, R2, R3, R4, R5, R6
40
Ω
Vbr min.
14V @ 1mA
Tolerance
±20%
Line capacitance
< 20 pF
R10, R11, R12
70k
Ω
R9
15k
Ω
R7
470k
Ω
Tolerance
±30%
Table 2.
Integrated pull-up resistors on WP and CD pins on A-Side
Resistors
Value
R13
100k
Ω
R14
100k
Ω
Tolerance
±30%
V
A-SIDE
VCCB
B-SIDE
R1
R2
GND
WP
CD
R13
R14
VCCA
GND
CLK
DAT0
DAT1
DAT2
DAT3
CMD
DAT123-dir
DAT1.h
DAT2.h
DAT3.h
CLK.h
CLK-f
DATA0-dir
DAT0.h
CMD-dir
CMD.h
R7
R12
R11
R10
R9
R3
R4
R5
R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com