Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST6G3238E Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST6G3238E
Description  Dual Supply Level Translator for SD/ MINISD/ T-FLASH With ±8KV Contact Discharge ESD Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E Datasheet(HTML) 5 Page - STMicroelectronics

  ST6G3238E Datasheet HTML 1Page - STMicroelectronics ST6G3238E Datasheet HTML 2Page - STMicroelectronics ST6G3238E Datasheet HTML 3Page - STMicroelectronics ST6G3238E Datasheet HTML 4Page - STMicroelectronics ST6G3238E Datasheet HTML 5Page - STMicroelectronics ST6G3238E Datasheet HTML 6Page - STMicroelectronics ST6G3238E Datasheet HTML 7Page - STMicroelectronics ST6G3238E Datasheet HTML 8Page - STMicroelectronics ST6G3238E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST6G3238E
Pin Connection and Function
5/17
2.1
Pin Function
●
CMD, Command is a bi-directional line. The host and card drivers are operating in push-
pull.
●
DAT0-3, Data lines are bi-directional lines. The host and the card drivers are operating in
push-pull mode.
●
CLK, Clock is a host to card signal. CLK operates in push-pull mode.
●
Feedback (return) Clock is feedback clock signal from level shifter to host for controlling
delays.
●
CD, Card detect, pulls HIGH state of input to VCCA. This pin is protected against ESD up to
8kV contact.
●
WP, Write protect, pulls HIGH state of input to VCCA. This pin is protected against ESD up
to 8kV contact.
Table 3.
Pin Description
µTFBGA Pin N° TSSOP Pin N°
Type
Side
Symbol
Name and Function
A2
3
I
A-side
CMD-dir
Command direction
HIGH = A to B
LOW = B to A
D2
4
I/O
A-side
CMD.h
A-side Command
D4
22
I/O
B-Side
CMD
B-side Command
A3
1
I
A-Side
DAT0-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
D1
5
I/O
A-Side
DAT0.h
Data Input / Output
D5
21
I/O
B-Side
DAT0
Data Input / Output
E3
15
I
A-Side
DAT123-dir
Data Direction
HIGH = A to B (write)
LOW = B to A (read)
E1
6
I/O
A-Side
DAT1.h
Data Input / Output
A1
7
I/O
A-Side
DAT2.h
Data Input / Output
B1
8
I/O
A-Side
DAT3.h
Data Input / Output
E5
20
I/O
B-Side
DAT1
Data Input / Output
A5
19
I/O
B-Side
DAT2
Data Input / Output
B5
18
I/O
B-Side
DAT3
Data Input / Output
C1
10
I
A-Side
CLK.h
Clock Input
C5
17
O
B-Side
CLK
Clock Output
E2
9
O
A-Side
CLK-f
Clock Feedback
D3
23
-
A-Side
CD
Card Detect
E4
16
-
A-Side
WP
Write Protect
B3
2
-
A-Side
VCCA
Power supply
B4
24
-
B-Side
VCCB
Power supply
C3, C4
11, 14
-
-
GND
Ground (0V)
A4, B2, C2
12, 13
-
-
NC
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com