Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC826 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC826
Description  Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC826 Datasheet(HTML) 3 Page - Microchip Technology

  MIC826 Datasheet HTML 1Page - Microchip Technology MIC826 Datasheet HTML 2Page - Microchip Technology MIC826 Datasheet HTML 3Page - Microchip Technology MIC826 Datasheet HTML 4Page - Microchip Technology MIC826 Datasheet HTML 5Page - Microchip Technology MIC826 Datasheet HTML 6Page - Microchip Technology MIC826 Datasheet HTML 7Page - Microchip Technology MIC826 Datasheet HTML 8Page - Microchip Technology MIC826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006668A-page 3
MIC826
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VCC) ................................................................................................................................ –0.3V to +6.0V
/MR, WDI, RESET, /RESET..............................................................................................................–0.3V to VCC + 0.3V
Input Current, All Pins except (RESET, /RESET)....................................................................................................20 mA
Output Current (RESET, /RESET) ..........................................................................................................................20 mA
ESD Rating (Note 1) Human Body Model............................................................................................................... 1.5 kV
ESD Rating (Note 1) Machine Model........................................................................................................................200V
Operating Ratings ‡
Supply Voltage (VCC) ................................................................................................................................... +1V to +5.5V
Watchdog Input (WDI) .................................................................................................................................... 0V to +VCC
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive; use proper handling precautions. Human body model, 1.5 kΩ in series with
100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VCC = 4.7V to 5.5V for MIC826L, VCC = 4.5V to 5.5V for MIC826M, VCC = 3.15V to 3.6V
for MIC826T, VCC = 3.0V to 3.6V for MIC826S, VCC = 2.7V to 3.6V for MIC826R, VCC = 2.38V to 2.75V for MIC826Z,
VCC = 2.25V to 2.75V for MIC826Y, VCC = 1.75V to 2.0V for MIC826W; TJ = +25˚C, bold values (Note 2) valid for
–40˚C ≤ TJ ≤ +125˚C, unless otherwise noted. (Note 1)
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Supply Voltage
VCC
1.0
—
5.5
V
—
Supply Current
IVCC
—
4.8
14
µA
MIC826L/M (WDI and /MR
unconnected)
—
3.8
8.4
MIC826T/S/R/Z/Y/W (WDI and /MR
unconnected)
Reset Threshold Voltage
Reset Threshold Voltage
VRST
4.602
4.625
4.648
V
L (falling) TA = 25°C
4.556
—
4.694
L (falling) –40°C ≤ TA ≤ +125°C
4.353
4.375
4.397
M (falling) TA = 25°C
4.309
—
4.441
M (falling) –40°C ≤ TA ≤ +125°C
3.060
3.075
3.090
T (falling) TA = 25°C
3.029
—
3.121
T (falling) –40°C ≤ TA ≤ +125°C
2.910
2.925
2.940
S (falling) TA = 25°C
2.881
—
2.969
S (falling) –40°C ≤ TA ≤ +125°C
2.612
2.625
2.638
R (falling) TA = 25°C
2.586
—
2.664
R (falling) –40°C ≤ TA ≤ +125°C
2.303
2.315
2.327
Z (falling) TA = 25°C
2.280
—
2.350
Z (falling) –40°C ≤ TA ≤ +125°C
2.177
2.188
2.199
Y (falling) TA = 25°C
2.155
—
2.221
Y (falling) –40°C ≤ TA ≤ +125°C
1.657
1.665
1.673
W (falling) TA = 25°C
1.640
—
1.690
W (falling) –40°C ≤ TA ≤ +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com