Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC826 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC826
Description  Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC826 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC826 Datasheet HTML 4Page - Microchip Technology MIC826 Datasheet HTML 5Page - Microchip Technology MIC826 Datasheet HTML 6Page - Microchip Technology MIC826 Datasheet HTML 7Page - Microchip Technology MIC826 Datasheet HTML 8Page - Microchip Technology MIC826 Datasheet HTML 9Page - Microchip Technology MIC826 Datasheet HTML 10Page - Microchip Technology MIC826 Datasheet HTML 11Page - Microchip Technology MIC826 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MIC826
DS20006668A-page 8
2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
/RESET
Active-Low Reset Output. Pulses low for 200 ms when triggered, and remains low
whenever VCC is below the reset threshold or when /MR is a logic low. It remains low
for 200 ms after one of the following occurs: VCC rises above the reset threshold, the
watchdog triggers a reset, or /MR goes low to high.
2
GND
Supply Ground.
3
RESET
Active-High Reset Output. Pulses high for 200 ms when triggered, and remains high
whenever VCC is below the reset threshold or when /MR is a logic low. It remains
high for 200 ms after one of the following occurs: VCC rises above the reset
threshold, the watchdog triggers a reset, or /MR goes low to high. RESET is the
inverse of /RESET.
4
WDI
Watchdog Input. If WDI remains either high or low for longer than the watchdog
timeout period, the internal watchdog timer runs out and a reset is triggered. The
internal watchdog timer clears whenever reset is asserted, or whenever WDI sees a
rising or falling edge. If WDI is left unconnected or is connected to a three-stated
buffer output, the watchdog feature is disabled.
5
/MR
Manual Reset Input. A logic low on /MR asserts reset. Reset remains asserted as
long as /MR is held low and for 200 ms after /MR returns high. The active-low input
has an internal 52 kΩ pull-up resistor. It can be driven from a CMOS logic line or
shorted to ground with a switch. Leave open or connect to VCC if unused.
6
VCC
Supply Voltage Pin. VCC is the input to the supply voltage monitor. When the supply
voltage falls below the reset threshold voltage, reset outputs (/RESET and RESET)
are triggered immediately. When the supply voltage rises above the reset threshold
plus hysteresis voltage, the reset outputs remain asserted for the duration of the
reset timeout period. A decoupling ceramic capacitor (minimum 0.1 μF) must be
connected between VCC and GND close to the pins.
EP
ePAD
Exposed Pad. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com