Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79520-I/MS Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP79520-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79520-I/MS Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP79520-I/MS Datasheet HTML 24Page - Microchip Technology MCP79520-I/MS Datasheet HTML 25Page - Microchip Technology MCP79520-I/MS Datasheet HTML 26Page - Microchip Technology MCP79520-I/MS Datasheet HTML 27Page - Microchip Technology MCP79520-I/MS Datasheet HTML 28Page - Microchip Technology MCP79520-I/MS Datasheet HTML 29Page - Microchip Technology MCP79520-I/MS Datasheet HTML 30Page - Microchip Technology MCP79520-I/MS Datasheet HTML 31Page - Microchip Technology MCP79520-I/MS Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 28
 2012-2022 Microchip Technology Inc.and its subsidiaries
5.5
MFP Output
The MCP795XX features Square Wave Clock Output
and Alarm Interrupt Output modes through the MFP
pin. If the SQWEN bit is set, then MFP operates in
Square Wave Clock Output mode.
The alarm outputs will remain active on the MFP pin
while operating from the backup power supply. The
Square Wave Clock Output is disabled while operating
from the backup power supply.
FIGURE 5-8:
CLKOUT OUTPUT BLOCK DIAGRAM
5.5.1
SQUARE WAVE OUTPUT MODE
The MCP795XX can be configured to generate a
square wave clock signal on MFP. The input clock
frequency, FOSC, is divided according to the
SQWFS<1:0> bits as shown in Table 5-8.
The square wave output is not available when
operating from the backup power supply, but the
square wave settings can be retained by the backup
power supply so that the square wave output can
continue when VCC is restored.
TABLE 5-8:
CLOCK OUTPUT RATES
X2
X1
ST
Oscillator
EXTOSC
32.768 kHz
8.192 kHz
4.096 kHz
1 Hz
SQWFS<1:0>
11
10
01
00
Digital
Trim
1
0
CRSTRIM
MFP
0
1
SQWEN
Alarm Flags
MCP795XX
Note:
All of the clock output rates are affected by
digital trimming except for the 1:1
postscaler value (SQWFS<1:0> = 11).
SQWFS<1:0>
Postscaler
Nominal
Frequency
00
1:32,768
1 Hz
01
1:8
4.096 kHz
10
1:4
8.192 kHz
11
1:1
32.768 kHz
Note 1: Nominal frequency assumes FOSC is
32.768 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com