Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP79520-I/MS Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP79520-I/MS
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79520-I/MS Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP79520-I/MS Datasheet HTML 38Page - Microchip Technology MCP79520-I/MS Datasheet HTML 39Page - Microchip Technology MCP79520-I/MS Datasheet HTML 40Page - Microchip Technology MCP79520-I/MS Datasheet HTML 41Page - Microchip Technology MCP79520-I/MS Datasheet HTML 42Page - Microchip Technology MCP79520-I/MS Datasheet HTML 43Page - Microchip Technology MCP79520-I/MS Datasheet HTML 44Page - Microchip Technology MCP79520-I/MS Datasheet HTML 45Page - Microchip Technology MCP79520-I/MS Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 42
 2012-2022 Microchip Technology Inc.and its subsidiaries
FIGURE 6-9:
EEPROM BYTE WRITE SEQUENCE
FIGURE 6-10:
EEPROM PAGE WRITE SEQUENCE
6.4
Protected EEPROM
The MCP795XX features a 128-bit protected EEPROM
block, organized as two 8-byte pages, that requires a
special unlock sequence to be followed in order to write
to the memory. The protected EEPROM can be used
for storing crucial information such as a unique serial
number. The MCP795X1 and MCP795X2 include an
EUI-48 and EUI-64 node address, respectively,
preprogrammed into the protected EEPROM block.
Custom programming is also available.
The protected EEPROM block is located at addresses
0x00 to 0x0F and is accessed using the IDREAD and
IDWRITE instructions.
6.4.1
PROTECTED EEPROM READ
SEQUENCE
The device is selected by pulling CS low. The 8-bit
IDREAD instruction is transmitted to the MCP795XX
followed by an 8-bit address. See Figure 6-11 for more
details.
After the correct IDREAD instruction and address are
sent, the data stored in the protected EEPROM at the
selected address is shifted out on the SO pin. Data
stored in the memory at the next address can be read
sequentially by continuing to provide clock pulses to
the client. The internal Address Pointer automatically
increments to the next higher address after each byte
of data is shifted out. When the highest address is
reached, the address counter rolls over to address 00h
allowing the read cycle to be continued indefinitely. The
read operation is terminated by raising the CS pin.
SO
SI
CS
0
234567
89 10 11
1
00
0
0
0
0
01
A6 A5 A4
A1
A3 A2
Address Byte
12 13 14 15 16 17 18 19 20 21 22 23
Instruction
Data Byte
A0
6
7
5
43
2
1
0
High-Impedance
Twc
SCK
A7
SI
CS
910 11
00
0
0
0
0
01
76
5
4
32
10
Data Byte 1
SCK
0
2
34
567
1
8
SI
CS
33 34 35
38 39
76
543
21
0
Data Byte n (8 max)
SCK
24
26 27 28 29 30 31
25
32
76
54
321
0
Data Byte 3
76
54
321
0
Data Byte 2
36 37
Instruction
Address Byte
A7 A6 A5 A4 A3
A1 A0
A2
12 13 14 15 16 17 18 19 20 21 22 23
Note:
Attempts to access addresses outside of
0x00 to 0x0F will result in the MCP795XX
ignoring the instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com