Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC1306M25 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1306M25
Description  AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1306M25 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 9Page - Texas Instruments AMC1306M25 Datasheet HTML 10Page - Texas Instruments AMC1306M25 Datasheet HTML 11Page - Texas Instruments AMC1306M25 Datasheet HTML 12Page - Texas Instruments AMC1306M25 Datasheet HTML 13Page - Texas Instruments AMC1306M25 Datasheet HTML 14Page - Texas Instruments AMC1306M25 Datasheet HTML 15Page - Texas Instruments AMC1306M25 Datasheet HTML 16Page - Texas Instruments AMC1306M25 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
6.11 Typical Characteristics (continued)
at AVDD = 5 V, DVDD = 3.3 V, INP = –250 mV to 250 mV, INN = AGND, fCLKIN = 20 MHz, and sinc3 filter with OSR = 256
(unless otherwise noted)
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-100
-80
-60
-40
-20
0
20
40
60
80
100
D026
Device 1
Device 2
Device 3
Figure 6-12. Offset Error vs Temperature
fCLKIN (MHz)
5
9
13
17
21
-100
-80
-60
-40
-20
0
20
40
60
80
100
D025
Figure 6-13. Offset Error vs Clock Frequency
AVDD (V)
3
3.5
4
4.5
5
5.5
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
D020
Figure 6-14. Gain Error vs High-Side Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D021
Figure 6-15. Gain Error vs Temperature
fCLKIN (MHz)
5
9
13
17
21
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D022
Figure 6-16. Gain Error vs Clock Frequency
Figure 6-17. Power-Supply Rejection Ratio vs Ripple Frequency
www.ti.com
AMC1306M25-Q1
SBASAH9 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC1306M25-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com