Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC1306M25 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1306M25
Description  AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1306M25 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1306M25 Datasheet HTML 17Page - Texas Instruments AMC1306M25 Datasheet HTML 18Page - Texas Instruments AMC1306M25 Datasheet HTML 19Page - Texas Instruments AMC1306M25 Datasheet HTML 20Page - Texas Instruments AMC1306M25 Datasheet HTML 21Page - Texas Instruments AMC1306M25 Datasheet HTML 22Page - Texas Instruments AMC1306M25 Datasheet HTML 23Page - Texas Instruments AMC1306M25 Datasheet HTML 24Page - Texas Instruments AMC1306M25 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
7.3.4 Digital Output
A differential input signal of 0 V ideally produces a stream of ones and zeros that are high 50% of the time.
A differential input of 250 mV produces a stream of ones and zeros that are high 89.06% of the time. With 16
bits of resolution, that percentage ideally corresponds to code 58368. A differential input of –250 mV produces a
stream of ones and zeros that are high 10.94% of the time and ideally results in code 7168 with 16-bit resolution.
These input voltages are also the specified linear range of the AMC1306M25-Q1. If the input voltage value
exceeds this range, the output of the modulator shows nonlinear behavior as the quantization noise increases.
The output of the modulator clips with a constant stream of zeros with an input less than or equal to –320
mV or with a constant stream of ones with an input greater than or equal to 320 mV. In this case, however,
the AMC1306M25-Q1 generates a single 1 (if the input is at negative full-scale) or 0 (if the input is at positive
full-scale) every 128 clock cycles to indicate proper device function (see the Output Behavior in Case of a
Full-Scale Input section for more details). Figure 7-4 shows the input voltage versus the output modulator signal.
Modulator Output
+ FS (Analog Input)
– FS (Analog Input)
Analog Input
Figure 7-4. AMC1306M25-Q1 Modulator Output vs Analog Input
The density of ones in the output bitstream can be calculated using Equation 1 for any input voltage (VIN= VINP –
VINN) value with the exception of a full-scale input signal, as described in Equation 1:
ρ=VIN+VClipping
2×VClipping
(1)
7.3.4.1 Output Behavior in Case of a Full-Scale Input
If a full-scale input signal is applied to the AMC1306M25-Q1 (that is, |VIN| ≥ |VClipping|), the device generates a
single one or zero every 128 bits at DOUT, as shown in Figure 7-5, depending on the actual polarity of the signal
being sensed. In this way, differentiating between a missing AVDD and a full-scale input signal is possible on the
system level.
DOUT
CLKIN
127 CLKIN cycles
127 CLKIN cycles
VIN
–320 mV
VIN ≥ 320 mV
DOUT
Figure 7-5. Output of the AMC1306M25-Q1 in Case of an Input Overrange
www.ti.com
AMC1306M25-Q1
SBASAH9 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC1306M25-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com