Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5040-2.5EG Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5040-2.5EG
Description  HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5040-2.5EG Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5040-2.5EG Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5040-2.5EG Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5040-2.5EG Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5040-2.5EG Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5040-2.5EG Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5040-2.5EG Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5040-2.5EG Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
5040
SERIES
HIGH EFFICIENCY,
4 AMP 1% ACCURATE
SURFACE MOUNT
SWITCHING REGULATORS
Up To 95% Efficiency For 5V Version
4 Amp Output Current
4.5V to 30V Input Range
Preset 1.9V, 2.5V, 3.3V or 5.0V Output Versions
300KHz Switching Frequency @ 1 Amp
User Programmable Soft-Start
Quiescent Current < 2.5mA
User Programmable Current Limit
Available with Gull Wing Leads
Contact MSK for MIL-PRF-38534 Qualification Status
DESCRIPTION:
EQUIVALENT SCHEMATIC
The MSK 5040 series are high efficiency, 4 amp, surface mount switching regulators.
The output voltage is
configured for 1.9V, 2.5V, 3.3V or 5.0V internally with a tolerance of 1% at 1.5 amps. The operating frequency of
the MSK 5040 is 300KHz and is internally set. An external "soft start" capacitor allows the user to control how
quickly the output comes up to regulation voltage after the application of an input. An extremely low quiescent
current of typically less than 2.5mA and nearly 95% operating efficiency keep the total internal power dissipation of
the MSK 5040 down to an absolute minimum.
MIL-PRF-38534 CERTIFIED
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
Step-down Switching Regulator
Microprocessor Power Source
High Efficiency Low Voltage
Subsystem Power Supply
Case
Sense High
Sense Low
N/C
RF High
N/C
N/C
1
2
3
4
5
6
7
34-44
23-33
11-22
10
9
8
Vout
Ground
Vin
Enable
N/C
Cton
Rev. F 2/06
1


Similar Part No. - MSK5040-2.5EG

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5041-1.9 MSK-MSK5041-1.9 Datasheet
269Kb / 7P
HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-1.9E MSK-MSK5041-1.9E Datasheet
269Kb / 7P
HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-1.9H MSK-MSK5041-1.9H Datasheet
269Kb / 7P
HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-2.5 MSK-MSK5041-2.5 Datasheet
269Kb / 7P
HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5041-2.5E MSK-MSK5041-2.5E Datasheet
269Kb / 7P
HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
More results

Similar Description - MSK5040-2.5EG

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5030-3.3B MSK-MSK5030-3.3B Datasheet
245Kb / 6P
HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
MSK5041-3.3H MSK-MSK5041-3.3H Datasheet
269Kb / 7P
HIGH EFFICIENCY, 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5042H MSK-MSK5042H Datasheet
355Kb / 7P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
MSK5046-3.3HRH MSK-MSK5046-3.3HRH Datasheet
753Kb / 9P
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
5046RH MSK-5046RH Datasheet
757Kb / 10P
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
logo
Anaren Microwave
MSK5030 ANAREN-MSK5030 Datasheet
791Kb / 7P
HIGH EFFICIENCY, 4 AMP STEP-DOWN SWITCHING REGULATORS
MSK5042 ANAREN-MSK5042 Datasheet
236Kb / 8P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com