Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8250ACVVCPMX Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC8250ACVVCPMX
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8250ACVVCPMX Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC8250ACVVCPMX Datasheet HTML 13Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 14Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 15Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 16Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 17Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 18Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 19Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 20Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
Freescale Semiconductor
17
Electrical and Thermal Characteristics
Table 10 lists SIU output characteristics.
NOTE
Activating data pipelining (setting BRx[DR] in the memory controller)
improves the AC timing. When data pipelining is activated, sp12 can be
used for data bus setup even when ECC or PARITY are used. Also, sp33a
can be used as the AC specification for DP signals.
Table 10. AC Characteristics for SIU Outputs 1
1
Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal.
Timings are measured at the pin.
Spec Number
Characteristic
Max Delay (ns)
Min Delay (ns)
Max
Min
66 MHz 83 MHz 66 MHz 83 MHz
sp31
sp30
PSDVAL/TEA/TA
76
0.5
0.5
sp32
sp30
ADD/ADD_atr./BADDR/CI/GBL/WT
8
6.5
0.5
0.5
sp33a
sp30
Data bus
6.5
6.5
0.5
0.5
sp33b
sp30
DP
8
7
0.5
0.5
sp34
sp30
Memory controller signals/ALE
6
5
0.5
0.5
sp35
sp30
All other signals
6
5.5
0.5
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com