Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8250ACVVCPMX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC8250ACVVCPMX
Description  Hardware Specifications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8250ACVVCPMX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC8250ACVVCPMX Datasheet HTML 2Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 3Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 4Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 5Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 6Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 7Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 8Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 9Page - NXP Semiconductors MPC8250ACVVCPMX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
MPC8250 Hardware Specifications, Rev. 2
6
Freescale Semiconductor
Electrical and Thermal Characteristics
2
Electrical and Thermal Characteristics
This section provides AC and DC electrical specifications and thermal characteristics for the MPC8250.
2.1
DC Electrical Characteristics
This section describes the DC electrical characteristics for the MPC8250. Table 1 shows the maximum
electrical ratings.
Table 2 lists recommended operational voltage conditions.
Table 1. Absolute Maximum Ratings 1
1
Absolute maximum ratings are stress ratings only; functional operation (see Table 2) at the maximums is not
guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage.
Rating
Symbol
Value
Unit
Core supply voltage 2
2
Caution: VDD/VCCSYN must not exceed VDDH by more than 0.4 V at any time, including during power-on reset.
VDD
-0.3 – 2.5
V
PLL supply voltage2
VCCSYN
-0.3 – 2.5
V
I/O supply voltage 3
3
Caution: VDDH can exceed VDD/VCCSYN by 3.3 V during power on reset by no more than 100 mSec. VDDH should
not exceed VDD/VCCSYN by more than 2.5 V during normal operation.
VDDH
-0.3 – 4.0
V
Input voltage 4
4
Caution: VIN must not exceed VDDH by more than 2.5 V at any time, including during power-on reset.
VIN
GND(-0.3) – 3.6
V
Junction temperature
Tj
120
°C
Storage temperature range
TSTG
(-55) – (+150)
°C
Table 2. Recommended Operating Conditions 1
1
Caution: These are the recommended and tested operating conditions. Proper device operating outside of these
conditions is not guaranteed.
Rating
Symbol
Value
Unit
Core supply voltage
VDD
1.7 – 1.9 2
2
CPU frequency less than or equal to 200 MHz.
1.7–2.1 3
3
CPU frequency greater than 200 MHz but less than 233 MHz.
1.9 –2.2 4
4
CPU frequency greater than or equal to 233 MHz.
V
PLL supply voltage
VCCSYN
1.7 – 1.92
1.7–2.13
1.9–2.24
V
I/O supply voltage
VDDH
3.135 – 3.465
V
Input voltage
VIN
GND (-0.3) – 3.465
V
Junction temperature (maximum)
Tj
105 5
5
Note that for extended temperature parts the range is (-40)T
A
– 105Tj.
°C
Ambient temperature
TA
0–705
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com