Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVRAGDDA Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MPC8358ECVRAGDDA
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVRAGDDA Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MPC8358ECVRAGDDA Datasheet HTML 72Page - NXP Semiconductors MPC8358ECVRAGDDA Datasheet HTML 73Page - NXP Semiconductors MPC8358ECVRAGDDA Datasheet HTML 74Page - NXP Semiconductors MPC8358ECVRAGDDA Datasheet HTML 75Page - NXP Semiconductors MPC8358ECVRAGDDA Datasheet HTML 76Page - NXP Semiconductors MPC8358ECVRAGDDA Datasheet HTML 77Page - NXP Semiconductors MPC8358ECVRAGDDA Datasheet HTML 78Page - NXP Semiconductors MPC8358ECVRAGDDA Datasheet HTML 79Page - NXP Semiconductors MPC8358ECVRAGDDA Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
76
Freescale Semiconductor
Clocking
22.1
System PLL Configuration
The system PLL is controlled by the RCWL[SPMF] and RCWL[SVCOD] parameters. Table 68 shows the
multiplication factor encodings for the system PLL.
The RCWL[SVCOD] denotes the system PLL VCO internal frequency as shown in Table 69.
NOTE
The VCO divider must be set properly so that the system VCO frequency is
in the range of 600–1400 MHz.
Table 68. System PLL Multiplication Factors
RCWL[SPMF]
System PLL
Multiplication Factor
0000
× 16
0001
Reserved
0010
× 2
0011
× 3
0100
× 4
0101
× 5
0110
× 6
0111
× 7
1000
× 8
1001
× 9
1010
× 10
1011
× 11
1100
× 12
1101
× 13
1110
× 14
1111
× 15
Table 69. System PLL VCO Divider
RCWL[SVCOD]
VCO Divider
00
4
01
8
10
2
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com