Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFGA Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MPC8358ECVVALFGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFGA Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MPC8358ECVVALFGA Datasheet HTML 20Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 21Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 22Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 23Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 24Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 25Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 26Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 27Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
24
Freescale Semiconductor
DDR and DDR2 SDRAM AC Electrical Characteristics
This figure provides the AC test load for the DDR bus.
Figure 8. DDR AC Test Load
This figure shows the DDR SDRAM output timing diagram for source synchronous mode.
Figure 9. DDR SDRAM Output Timing Diagram for Source Synchronous Mode
Table 22. DDR and DDR2 SDRAM Measurement Conditions
Symbol
DDR
DDR2
Unit
Notes
VTH
MVREF ± 0.31 V
MVREF ± 0.25 V
V
1
VOUT
0.5
× GVDD
0.5
× GVDD
V
2
Notes:
1. Data input threshold measurement point.
2. Data output measurement point.
Output
Z0 = 50 Ω
GVDD/2
RL = 50 Ω
ADDR/CMD
tDDKHAS, tDDKHCS
tDDKHMH
tDDKLDS
tDDKHDS
MDQ[x]
MDQS[n]
MCK[n]
MCK[n]
tMCK
tDDKLDX
tDDKHDX
D1
D0
Write A0
NOOP
tDDKHME
tDDKHMP
tDDKHAX, tDDKHCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com