Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8358ECVVALFGA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC8358ECVVALFGA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFGA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC8358ECVVALFGA Datasheet HTML 7Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 8Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 9Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 10Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 11Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 12Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 13Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 14Page - NXP Semiconductors MPC8358ECVVALFGA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
11
Power Sequencing
This figure shows the undershoot and overshoot voltage of the PCI interface of the device for the 3.3-V signals, respectively.
Figure 4. Maximum AC Waveforms on PCI interface for 3.3-V Signaling
2.1.3
Output Driver Characteristics
This table provides information on the characteristics of the output driver strengths. The values are preliminary estimates.
2.2
Power Sequencing
This section details the power sequencing considerations for the MPC8360E/58E.
Table 3. Output Drive Capability
Driver Type
Output Impedance (
Ω)
Supply Voltage
Local bus interface utilities signals
42
OVDD = 3.3 V
PCI signals
25
PCI output clocks (including PCI_SYNC_OUT)
42
DDR signal
20
36 (half-strength mode)1
GVDD = 2.5 V
DDR2 signal
18
36 (half-strength mode)1
GVDD = 1.8 V
10/100/1000 Ethernet signals
42
LVDD = 2.5/3.3 V
DUART, system control, I2C, SPI, JTAG
42
OVDD = 3.3 V
GPIO signals
42
OVDD = 3.3 V
LVDD = 2.5/3.3 V
Note:
1. DDR output impedance values for half strength mode are verified by design and not tested.
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+7.1 V
7.1 V p-to-p
(Min)
4 ns
(Max)
–3.5 V
7.1 V p-to-p
(Min)
62.5 ns
+3.6 V
0 V
4 ns
(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com