Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADPD6000Z Datasheet(PDF) 39 Page - Analog Devices

Part # EVAL-ADPD6000Z
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADPD6000Z Datasheet(HTML) 39 Page - Analog Devices

Back Button EVAL-ADPD6000Z Datasheet HTML 35Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 36Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 37Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 38Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 39Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 40Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 41Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 42Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
Data Sheet
ADPD6000
REGISTER SUMMARY
analog.com
Rev. 0 | 39 of 89
Table 20. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
[7:0]
DAC_AMBI
ENT_CH2_
A[0]
DAC_LED_DC_CH2_A
0x0128
LED_POW12_
A
[15:8]
LED_DRIV
ESIDE2_A
LED_CURRENT2_A
0x0000 R/W
[7:0]
LED_DRIV
ESIDE1_A
LED_CURRENT1_A
0x0129
LED_MODE_A [15:8]
RESERVED
0x0000 R/W
[7:0]
RESERVED
LED_MOD
E2_A
LED_MOD
E1_A
0x012A
COUNTS_A
[15:8]
NUM_INT_A
0x0101 R/W
[7:0]
NUM_REPEAT_A
0x012B
PERIOD_A
[15:8]
RESERVE
D
RESERVE
D
MOD_TYPE_A
RESERVED
MIN_PERIOD_A[9:8]
0x0000 R/W
[7:0]
MIN_PERIOD_A[7:0]
0x012C
LED_PULSE1
_A
[15:8]
LED_WIDTH_A
0x0210 R/W
[7:0]
LED_OFFSET_A
0x012D
LED_PULSE2
_A
[15:8]
RESERVED
0x0013 R/W
[7:0]
LED_SECOND_OFFSET_A
0x012E
INTEG_WIDTH
_A
[15:8]
SINGLE_IN
TEG_A
RESERVED
CH2_AMP_DISABLE_A
RESERVED
CH1_AMP_
DISABLE_
A[1]
0x0003 R/W
[7:0]
CH1_AMP_
DISABLE_
A[0]
ADC_COUNT_A
INTEG_WIDTH_A
0x012F
INTEG_OFFS
ET_A
[15:8]
RESERVED
INTEG_OFFSET_A[7:3]
0x01A0 R/W
[7:0]
INTEG_OFFSET_A[2:0]
INTEG_FINE_OFFSET_A
0x0130
MOD_PULSE_
A
[15:8]
MOD_WIDTH_A
0x0001 R/W
[7:0]
MOD_OFFSET_A
0x0131
PATTERN1_A
[15:8]
LED_DISABLE_A
MOD_DISABLE_A
0x0000 R/W
[7:0]
SUBTRACT_A
REVERSE_INTEG_A
0x0133
ADC_OFF1_A [15:8]
RESERVED
CH1_ADC_ADJUST_A[13:8]
0x0000 R/W
[7:0]
CH1_ADC_ADJUST_A[7:0]
0x0134
ADC_OFF2_A [15:8]
RESERVED
CH2_ADC_ADJUST_A[13:8]
0x0000 R/W
[7:0]
CH2_ADC_ADJUST_A[7:0]
0x0135
DATA1_A
[15:8]
DARK_SHIFT_A
DARK_SIZE_A
0x0003 R/W
[7:0]
SIGNAL_SHIFT_A
SIGNAL_SIZE_A
0x0136
DATA2_A
[15:8]
RESERVED
0x0000 R/W
[7:0]
LIT_SHIFT_A
LIT_SIZE_A
0x0137
DECIMATE_A
[15:8]
RESERVED
DECIMATE_FACTOR_A[6:4]
0x0000 R/W
[7:0]
DECIMATE_FACTOR_A[3:0]
RESERVED
0x0138
DIGINT_LIT_A [15:8]
RESERVED
LIT_OFFSE
T_A[8]
0x0026 R/W
[7:0]
LIT_OFFSET_A[7:0]
0x0139
DIGINT_DARK
_A
[15:8]
DARK2_OFFSET_A[8:1]
0x0086 R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com