Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADPD6000Z Datasheet(PDF) 73 Page - Analog Devices

Part # EVAL-ADPD6000Z
Description  Multimodal Sensor Front End
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADPD6000Z Datasheet(HTML) 73 Page - Analog Devices

Back Button EVAL-ADPD6000Z Datasheet HTML 69Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 70Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 71Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 72Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 73Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 74Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 75Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 76Page - Analog Devices EVAL-ADPD6000Z Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
Data Sheet
ADPD6000
REGISTER DETAILS
analog.com
Rev. 0 | 73 of 89
Table 21. Register Details
Reg
Name
Bits
Bit Name
Description
Reset Access
1: 576 nV/LSB
7
RESERVED
Reserved.
0x0
R
6
ECG_RLD_OUT_DISCONNECT
Disconnect the RLD output for test mode.
0x0
R/W
[5:4]
ECG_RLD_OUT_SEL
Select the RLD output.
0x3
R/W
00: AGND.
01: AVDD3
10: AVDD3/2.
11: Regulated common-mode input.
3
ECG_RLD_SAT_EN
Enable dc lead off for the RLD pin.
0x0
R/W
0: dc lead off for RLD is disabled.
1: dc lead off for RLD is enabled.
[2:1]
ECG_RLD_SAT_THRESHOLD
DC lead off threshold selection for the RLD.
0x0
R/W
00: high threshold = AVDD3 − 0.1 V, low threshold = 0.1 V.
01: high threshold = AVDD3 − 0.2 V, low threshold = 0.2 V.
10: high threshold = AVDD3 − 0.3 V, low threshold = 0.3 V.
11: high threshold = AVDD3 − 0.4 V, low threshold = 0.4 V.
0
ECG_RLD_EN
Enable the RLD circuit.
0x0
R/W
0x0101 ECG_LEADOFF_CTRL
15
ECG_ACLO_EN
Enable the AC lead off detector for the ECG inputs.
0x0
R/W
[14:12]
ECG_ACLO_MAG
AC lead off excite current magnitude.
0x0
R/W
000: 0 nA.
001: 10 nA.
010: 20 nA.
011: 30 nA.
100: 40 nA.
101: 50 nA.
110: 60 nA.
111: 70 nA.
[11:9]
ECG_ACLO_THRESHOLD
AC lead off threshold selection for the ECG inputs.
0x0
R/W
8
ECG_DCLO_EN
Enable the dc lead off detector for the ECG inputs.
0x0
R/W
[7:4]
ECG_DCLO_MAG
DC lead off excite current magnitude.
0x0
R/W
0000: 0 nA.
0001: Reserved.
0010: Reserved.
0011: Reserved.
0100: Reserved.
0101: Reserved.
0110: Reserved.
0111: Reserved.
1000: 2 nA.
1001: 4 nA.
1010: 6 nA.
1011: 8 nA.
1100: 10 nA.
1101: 12 nA.
1110: 14 nA.
1111: 16 nA.
3
ECG_DCLO_POLARITY_IN
DC lead off output current polarity at ECGIN.
0x0
R/W
0: sink current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com