Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRF5474BCZ-SX Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5474BCZ-SX
Description  Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5474BCZ-SX Datasheet(HTML) 3 Page - Analog Devices

  ADRF5474BCZ-SX Datasheet HTML 1Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 2Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 3Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 4Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 5Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 6Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 7Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 8Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADRF5474
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 14
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, control voltages = 0 V or VDD, die temperature (TDIE) = 25°C, and 50 Ω system, unless otherwise noted.
S-parameters are measured with microstrip launchers and 3 mil width ribbon bonds using ground-signal-ground (GSG) probes. The launchers
are deembeded. See the Applications Information section for assembly details.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
10
60,000
MHz
INSERTION LOSS
10 MHz to 20 GHz
1.3
dB
20 GHz to 44 GHz
2.0
dB
44 GHz to 55 GHz
2.7
dB
55 GHz to 60 GHz
4.0
dB
RETURN LOSS
ATTIN and ATTOUT, all attenuation states
10 MHz to 20 GHz
13
dB
20 GHz to 44 GHz
11
dB
44 GHz to 55 GHz
9
dB
55 GHz to 60 GHz
6
dB
ATTENUATION
Range
Between minimum and maximum attenuation states
22
dB
Step Size
Between any successive attenuation states
2
dB
Accuracy
Referenced to insertion loss
10 MHz to 20 GHz
±(0.3 + 1.0% of state)
dB
20 GHz to 44 GHz
±(0.4 + 4.0% of state)
dB
44 GHz to 55 GHz
±(0.4 + 6.0% of state)
dB
55 GHz to 60 GHz
±(0.4 + 12.0% of state)
dB
Step Error
Between any successive state
10 MHz to 20 GHz
±0.30
dB
20 GHz to 44 GHz
±0.65
dB
44 GHz to 55 GHz
±1.10
dB
55 GHz to 60 GHz
±1.30
dB
RELATIVE PHASE
Referenced to insertion loss
10 MHz to 20 GHz
25
Degrees
20 GHz to 44 GHz
60
Degrees
44 GHz to 55 GHz
75
Degrees
55 GHz to 60 GHz
85
Degrees
SWITCHING CHARACTERISTICS
All attenuation states at input power (PIN) = 10 dBm
Rise and Fall Time (tRISE and tFALL)
10% to 90% of RF output
50
ns
On and Off Time (tON and tOFF)
50% triggered control to 90% of RF output
100
ns
RF Amplitude Settling Time
0.1 dB
50% triggered control to 0.1 dB of final RF output
175
ns
0.05 dB
50% triggered control to 0.05 dB of final RF output
225
ns
Overshoot
2
dB
Undershoot
0.75
dB
RF Phase Settling Time
Frequency = 40 GHz
5°
50% triggered control to 5° of final RF output
105
ns
1°
50% triggered control to 1° of final RF output
120
ns
INPUT LINEARITY1
100 MHz to 50 GHz
0.1 dB Power Compression (P0.1dB)
25.5
dbm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com