Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRF5474BCZ-SX Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5474BCZ-SX
Description  Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5474BCZ-SX Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5474BCZ-SX Datasheet HTML 6Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 7Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 8Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 9Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 10Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 11Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 12Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 13Page - Analog Devices ADRF5474BCZ-SX Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Data Sheet
ADRF5474
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 13 of 14
DIE ASSEMBLY
An assembly diagram of the ADRF5474 is shown in Figure 25.
Figure 25. Die Assembly Diagram
The ADRF5474 is designed to have the optimum RF input and
output impedance match with 3 mil × 0.5 mil gold ribbon wire and
3 mil loop height typical. The bonding diagrams are shown in
Figure 26 and Figure 27. Alternatively, using multiple wire bonds
with equivalent inductance yields similar performance. For RF rout-
ing from the device, coplanar wave guide or microstrip transmission
lines can be used. No impedance matching is required on the
transmission line pad because the device is designed to match
internally to the recommended ribbon bond. A spacing of 3 mils
from the RF transmission line to the device edge is recommended
for optimum performance.
DC pads can be connected using standard 1 mil diameter wire by
keeping the wire lengths as short as possible to minimize the para-
sitic inductance. The dc pads are large enough to accommodate
ribbon bonds, if preferred.
All bonds must be thermosonically bonded at a nominal stage
temperature of 150°C, and a minimum amount of ultrasonic energy
must be applied to achieve reliable bonds.
The device is metalized on the backside, and the ground connec-
tion can be done by attaching the device directly to the RF ground
plane using a conductive epoxy. In this case, connecting the ground
pads is optional but still recommended to ensure a solid ground
connection.
Figure 26. Bonding Diagram Top View
Figure 27. Bonding Diagram Side View
HANDLING, MOUNTING AND EPOXY DIE
ATTACH
Keep devices in ESD protective sealed bags for shipment, and
store all bare die in a dry nitrogen environment.
For manual picking, it is a common practice to use a pair of
tweezers for GaAs devices. However, for die on carrier devices, the
use of a vacuum tool is recommended to avoid any damage on the
device substrate. Handle these devices in clean environment.
To attach the die with epoxy, apply an amount of epoxy to the
mounting surface so that a thin epoxy fillet is observed around
the perimeter of the chip after it is placed into position. Set epoxy
cure temperatures per the recommendations of the manufacturer
and the maximum ratings of the device to minimize accumulated
mechanical stress after assembly.
Because both dies are attached with solder joints, users must follow
best practices for the thermomechanical design of their module
assemblies. The temperature expansion coefficient of the substrate
material must match the thermal expansion coefficient of the GaAs
and silicon (Si) die. Do not allow warpage or other mechanical
deformation on the substrate. Set the die attach process and the
epoxy cure temperatures to lower the accumulated stress after
assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com