Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF2MLQ1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SPC5643LF2MLQ1
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LF2MLQ1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SPC5643LF2MLQ1 Datasheet HTML 17Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 18Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 19Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 20Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 21Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 22Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 23Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 24Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
21
The NPC block interfaces to the host processor and internal buses to provide development support as per the IEEE-ISTO
5001-2003 Class 3+, including selected features from Class 4 standard.
The development support provided includes program trace, data trace, watchpoint trace, ownership trace, run-time access to the
MCUs internal memory map and access to the Power Architecture internal registers during halt. The Nexus interface also
supports a JTAG only mode using only the JTAG pins. The following features are implemented:
•
Full and reduced port modes
•
MCKO (message clock out) pin
•
4 or 12 MDO (message data out) pins1
•2 MSEO (message start/end out) pins
•EVTO (event out) pin
— Auxiliary input port
•EVTI (event in) pin
•
5-pin JTAG port (JCOMP, TDI, TDO, TMS, and TCK)
— Supports JTAG mode
•
Host processor (e200) development support features
— Data trace via data write messaging (DWM) and data read messaging (DRM). This allows the development tool
to trace reads or writes, or both, to selected internal memory resources.
— Ownership trace via ownership trace messaging (OTM). OTM facilitates ownership trace by providing visibility
of which process ID or operating system task is activated. An ownership trace message is transmitted when a
new process/task is activated, allowing development tools to trace ownership flow.
— Program trace via branch trace messaging (BTM). Branch trace messaging displays program flow discontinuities
(direct branches, indirect branches, exceptions, etc.), allowing the development tool to interpolate what
transpires between the discontinuities. Thus, static code may be traced.
— Watchpoint messaging (WPM) via the auxiliary port
— Watchpoint trigger enable of program and/or data trace messaging
— Data tracing of instruction fetches via private opcodes
1.5.39
IEEE 1149.1 JTAG Controller (JTAGC)
The JTAGC block provides the means to test chip functionality and connectivity while remaining transparent to system logic
when not in test mode. All data input to and output from the JTAGC block is communicated in serial format. The JTAGC block
is compliant with the IEEE standard.
The JTAG controller provides the following features:
•
IEEE Test Access Port (TAP) interface with 5 pins:
—TDI
—TMS
—TCK
—TDO
—JCOMP
•
Selectable modes of operation include JTAGC/debug or normal system operation
•
5-bit instruction register that supports the following IEEE 1149.1-2001 defined instructions:
—BYPASS
— IDCODE
1. 4 MDO pins on 144 LQFP package, 12 MDO pins on 257 MAPBGA package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com