Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5643LF2MLQ1 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # SPC5643LF2MLQ1
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LF2MLQ1 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button SPC5643LF2MLQ1 Datasheet HTML 74Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 75Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 76Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 77Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 78Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 79Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 80Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 81Page - NXP Semiconductors SPC5643LF2MLQ1 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
78
3.4
Thermal characteristics
VSS_LV_CORx
3
SR Internal reference voltage
—
0
0
V
VDD_LV_PLL
2
SR Internal supply voltage
—
—
—
V
VSS_LV_PLL
3
SR Internal reference voltage
—
0
0
V
TA
SR Ambient temperature under bias
fCPU ≤ 120 MHz
–40
125
°C
TJ
SR Junction temperature under bias
—
–40
150
°C
1 Full functionality cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical characteristics
and I/Os DC electrical specification may not be guaranteed.
2 V
DD_HV_ADR0 and VDD_HV_ADR1 cannot be operated at different voltages, and need to be supplied by the same
voltage source.
3
VDD_HV_ADRx must always be applied and should be stable before LBIST starts. If this supply is not above its
absolute minimum level, LBIST operations can fail.
4 Can be connected to emitter of external NPN. Low voltage supplies are not under user control. They are produced
by an on-chip voltage regulator.
5 For the device to function properly, the low voltage grounds (V
SS_LV_xxx) must be shorted to high voltage grounds
(VSS_HV_xxx) and the low voltage supply pins (VDD_LV_xxx) must be connected to the external ballast emitter, if one
is used.
Table 10. Thermal characteristics for 100 LQFP package1
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
Symbol
Parameter
Conditions
Value Unit
RθJA
D
Thermal resistance, junction-to-ambient natural
convection2
2 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board – 1s
46
°C/W
Four layer board – 2s2p
34
RθJMA
D
Thermal resistance, junction-to-ambient forced
convection at 200 ft/min
Single layer board – 1s
36
°C/W
Four layer board – 2s2p
28
RθJB
D
Thermal resistance junction-to-board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—19
°C/W
RθJC
D
Thermal resistance junction-to-case4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
—8
°C/W
ΨJT
D
Junction-to-package-top natural convection5
5 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
—2
°C/W
Table 9. Recommended operating conditions (3.3 V) (continued)
Symbol
Parameter
Conditions
Min1
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com