Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5646CCAMLU1R Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MPC5646CCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646CCAMLU1R Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MPC5646CCAMLU1R Datasheet HTML 41Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 42Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 43Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 44Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 45Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 46Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 47Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 48Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
45
Most of the time for the applications, PI/O< PINT and may be neglected. On the other hand, PI/O may be significant, if the device
is configured to continuously drive external modules and/or memories.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273 °C)
Eqn. 2
Therefore, solving equations 1 and 2:
K = PD × (TA + 273 °C) + RθJA × PD
2
Eqn. 3
Where:
K is a constant for the particular part, which may be determined from Equation 3 by measuring PD (at equilibrium)
for a known TA. Using this value of K, the values of PD and TJ may be obtained by solving equations 1 and 2
iteratively for any value of TA.
4.6
I/O pad electrical characteristics
4.6.1
I/O pad types
The device provides four main I/O pad types depending on the associated alternate functions:
•
Slow pads—These pads are the most common pads, providing a good compromise between transition time and low
electromagnetic emission.
•
Medium pads—These pads provide transition fast enough for the serial communication channels with controlled
current to reduce electromagnetic emission.
•
Fast pads—These pads provide maximum speed. These are used for improved Nexus debugging capability.
•
Input only pads—These pads are associated to ADC channels and 32 kHz low power external crystal oscillator
providing low input leakage.
•
Low power pads—These pads are active in standby mode for wakeup source.
Also, medium/slow and fast/medium pads are available in design which can be configured to behave like a slow/medium and
medium/fast pads depending upon the slew-rate control.
Medium and fast pads can use slow configuration to reduce electromagnetic emission, at the cost of reducing AC performance.
4.6.2
I/O input DC characteristics
Table 13 provides input DC electrical characteristics as described in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com