Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5646CCAMLU1R Datasheet(PDF) 95 Page - NXP Semiconductors

Part # MPC5646CCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646CCAMLU1R Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button MPC5646CCAMLU1R Datasheet HTML 91Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 92Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 93Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 94Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 95Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 96Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 97Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 98Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
95
Figure 33. DSPI PCS strobe (PCSS) timing
4.19.3
Nexus characteristics
Table 50. Nexus debug port timing1
1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is
measured from 50% of MCKO and 50% of the respective signal. Nexus timing specified at VDDE =4.0–5.5 V,
TA =TL to TH, and CL = 30 pF with SRC = 0b11.
Spec
Characteristic
Symbol
Min
Max
Unit
1
MCKO Cycle
Time2
2 MCKO can run up to 1/2 of full system frequency. It can also run at system frequency when it is <60 MHz.
tMCYC
16.3
—
ns
2
MCKO Duty Cycle
tMDC
40
60
%
3
MCKO Low to
MDO, MSEO,
EVTO Data Valid3
3 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
tMDOV
–0.1
0.25
tMCYC
4
EVTI Pulse Width
tEVTIPW
4.0
—
tTCYC
5
EVTO Pulse
Width
tEVTOPW
1tMCYC
6
TCK Cycle Time4
4 The system clock frequency needs to be three times faster than the TCK frequency.
tTCYC
40
—
ns
7
TCK Duty Cycle
tTDC
40
60
%
8
TDI, TMS Data
Setup Time
tNTDIS, tNTMSS
8—
ns
9
TDI, TMS Data
Hold Time
tNTDIH, tNTMSH
5—
ns
10
TCK Low to TDO
Data Valid
tJOV
025
ns
CSx
7
8
PCSS
Note: Numbers shown reference Table 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com