Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLM2425M9S20Z Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLM2425M9S20Z
Description  LDMOS 2-stage power MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLM2425M9S20Z Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLM2425M9S20Z Datasheet HTML 4Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 5Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 6Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 7Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 8Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 9Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 10Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 11Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BLM2425M9S20
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 17 May 2021
8 of 13
BLM2425M9S20
LDMOS 2-stage power MMIC
9.
Package outline
Fig 9.
Package outline OMP-400-8F-1 (sheet 1 of 2)
OMP-400-8F-1
Package outline drawing:
Revision:
Sheet 1 of 2
Revision date:
11/26/2019
Tolerances unless otherwise stated:
Dimension:
0.05
Angle:
1°
Third angle projection
OMP-400-8F-1
1
units in mm.
7.52
()
R1.00
1.20
()
10.30 (1)
3.92 - 0.05
0.08
+
10.12
6.00
0.20 (6)
8.55
0.15 (6)
2.15
()
7.42
()
Pin 1 ID
R0.16
()
1
7
8
metal protrusion 4x
(ground) in corners (2)
pin 9 (6)
Exposed Heatsink
0.25 B
B
0.1 A
0.1 B
A
1.57 (5)
3.00 (3)
0.25 B
1.00 (6x)
0.35 (7x), (3)
0.10 (4)
0.22 ±0.05
R0.30
()
5.07
()
0.75
()
R0.60
(
4x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com