Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLM2425M9S20Z Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLM2425M9S20Z
Description  LDMOS 2-stage power MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLM2425M9S20Z Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLM2425M9S20Z Datasheet HTML 1Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 2Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 3Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 4Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 5Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 6Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 7Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 8Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
20 W, 2-stage power MMIC transistor for use in a variety of Industrial, Scientific, Medical
(ISM) and cooking applications at frequencies from 2400 MHz to 2500 MHz.
The BLM2425M9S20 is designed for high power CW applications and is assembled in a
high performance plastic package.
1.2 Features and benefits
High efficiency
High power gain
Excellent ruggedness
Excellent thermal stability
Integrated thermal sensor
Integrated PWM control circuitry
Integrated ESD protection
Biasing of individual stages is externally accessible
50
 input matched; output pre-matched
Designed for broadband operation (frequency 2400 MHz to 2500 MHz)
For RoHS compliance see the product details on the Ampleon website
1.3 Applications
Professional and consumer cooking applications
Industrial, Scientific and Medical applications
Applicable at frequencies from 2400 MHz to 2500 MHz
BLM2425M9S20
LDMOS 2-stage power MMIC
Rev. 2 — 17 May 2021
Product data sheet
Table 1.
Application performance measured in class AB demo circuit
Test signal
f
VDS
PL
Gp
PAE
(MHz)
(V)
(W)
(dB)
(%)
CW
2450
32
20
28
49


Similar Part No. - BLM2425M9S20Z

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLM2425M7S60P AMPLEON-BLM2425M7S60P Datasheet
2Mb / 13P
LDMOS 2-stage power MMIC
Rev. 5, 13 September 2018
logo
NXP Semiconductors
BLM2425M7S60P PHILIPS-BLM2425M7S60P_15 Datasheet
173Kb / 12P
LDMOS 2-stage power MMIC
Rev. 1-18 May 2015
More results

Similar Description - BLM2425M9S20Z

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLM7G1822S-20PB PHILIPS-BLM7G1822S-20PB_15 Datasheet
295Kb / 18P
LDMOS 2-stage power MMIC
Rev. 3-1 July 2015
BLM7G1822S-40AB PHILIPS-BLM7G1822S-40AB_15 Datasheet
293Kb / 19P
LDMOS 2-stage power MMIC
Rev. 1-10 July 2015
BLM7G1822S-40PB PHILIPS-BLM7G1822S-40PB_15 Datasheet
398Kb / 18P
LDMOS 2-stage power MMIC
Rev. 3-1 July 2015
BLM7G1822S-80AB PHILIPS-BLM7G1822S-80AB_15 Datasheet
286Kb / 18P
LDMOS 2-stage power MMIC
Rev. 2-1 July 2015
BLM7G1822S-80PB PHILIPS-BLM7G1822S-80PB_15 Datasheet
301Kb / 18P
LDMOS 2-stage power MMIC
Rev. 1-24 August 2015
BLM8G0710S-15PB PHILIPS-BLM8G0710S-15PB_15 Datasheet
268Kb / 19P
LDMOS 2-stage power MMIC
Rev. 2-31 August 2015
BLM8G0710S-30PB PHILIPS-BLM8G0710S-30PB_15 Datasheet
271Kb / 19P
LDMOS 2-stage power MMIC
Rev. 2-1 July 2015
logo
Ampleon Netherlands B.V...
BLM7G1822S-80PB AMPLEON-BLM7G1822S-80PB Datasheet
3Mb / 21P
LDMOS 2-stage power MMIC
Rev. 3 -13 September 2018
BLM9H0610S-60PG AMPLEON-BLM9H0610S-60PG Datasheet
1Mb / 20P
LDMOS 2-stage power MMIC
Rev. 2 ??22 April 2022
BLM2425M7S60P AMPLEON-BLM2425M7S60P Datasheet
2Mb / 13P
LDMOS 2-stage power MMIC
Rev. 5, 13 September 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com