Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC621XX-AF5-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UC621XX-AF5-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC621XX-AF5-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UC621XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 10Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 11Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 12Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 13Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
UC621XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 14
www.unisonic.com.tw
QW-R502-028,B
TYPICAL CHARACTERISTICS(Cont.)
(3) INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs. OUTPUT CURRENT
200
600
0.8
UC62133
800
400
1000
0.0
1.0
0.6
0.4
0.2
0
Output Current, IOUT (mA)
TOPR=25℃
CL=10µF(tantalum)
85℃
-20℃
200
600
0.8
UC62130
800
400
1000
0.0
1.0
0.6
0.4
0.2
0
Output Current, I OUT (mA)
TOPR=25℃
CL=10µF (tantalum)
85℃
-20℃
200
600
0.8
UC62150
800
400
1000
0.0
1.0
0.6
0.4
0.2
0
Output Current, I OUT (mA)
TOPR=25℃
85℃
200
600
0.8
UC62140
800
400
1000
0.0
1.0
0.6
0.4
0.2
0
Output Current, I OUT(mA)
CL =10µF(tantalum)
-20℃
TOPR=25℃
85℃
-20℃
CL=10µF (tantalum)
(4) SUPPLY CURRENT vs. INPUT VOLTAGE
34
40
5
0
50
30
6
Input Voltage, VIN (V)
20
10
UC62130
TOPR =25℃
85℃
-20℃
34
40
5
0
50
30
6
Input Voltage, VIN (V)
20
10
UC62133
TOPR=25℃
85℃
-20℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com