Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC621XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC621XX-AF5-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC621XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC621XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC621XX
CMOS IC
www.unisonic.com.tw
1of 14
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-028,B
BOOSTING VOLTAGE
REGULATORS
DESCRIPTION
The UTC UC621XX is a positive output voltage regulator that can
supply up to 1A of output current using an external transistor. Low
power and high accuracy are achieved through CMOS process and
metal fuses trimming technologies.
The series consists of a high precision voltage reference, an error
correction circuit and a short-circuit protected output driver.
In stand-by mode, supply current can be dramatically cut. Since
the input-output voltage differential is small, loss control efficiency is
good.
The UTC UC621XX is particularly suited for use with battery
operated portable products, and products where supply current
regulation is required.
FEATURES
* Ultra Small Input-Output Voltage Differential
: 100mA of output current is available with a differential of 0.1V.
(Performance depends on the external transistor characteristics.)
* Maximum Output Current : 1A
* Output Voltage Range : 2V ~ 6V in 0.1V increments
* Highly Accurate : Set-up voltage ±2%
* Low Power Consumption : Typ.50µA (VOUT = 5.0V)
: Typ.0.2µA (Stand-by)
* Output Voltage Temperature Characteristics: Typ. ±100ppm/℃
* Input Stability : Typ.0.1%/V
SOT-25
4
5
3
2
1
*Pb-free plating product number: UC621XXL
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
UC621xx-AF5-R
UC621xxL-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.
UC621xxL-AF5-R
(1)Packing Type
(2)Package Type
(4)Output Voltage Code
(3)Lead Plating
(1) R: Tape Reel
(2) AF5: SOT-25
(4) xx: refer to Marking Information
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UC621XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC621XX UTC-UC621XX Datasheet
388Kb / 13P
BOOSTING VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UC621XX ETL-UC621XX Datasheet
199Kb / 14P
BOOSTING VOLTAGE REGULATORS
logo
Unisonic Technologies
UC621XX UTC-UC621XX Datasheet
402Kb / 13P
BOOSTING VOLTAGE REGULATORS
UC621XXG-AF5-R UTC-UC621XXG-AF5-R Datasheet
388Kb / 13P
BOOSTING VOLTAGE REGULATORS
UC621XXL-AF5-R UTC-UC621XXL-AF5-R Datasheet
388Kb / 13P
BOOSTING VOLTAGE REGULATORS
More results

Similar Description - UC621XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3510 UTC-3510 Datasheet
106Kb / 9P
CMOS IC
3511 UTC-3511 Datasheet
55Kb / 7P
CMOS IC
3521 UTC-3521 Datasheet
45Kb / 4P
CMOS IC
6610 UTC-6610 Datasheet
148Kb / 15P
CMOS IC
L5201 UTC-L5201_15 Datasheet
169Kb / 7P
CMOS IC
UCSR3602SL-D07A-T UTC-UCSR3602SL-D07A-T Datasheet
258Kb / 9P
CMOS IC
UPSL104AG-AG6-R UTC-UPSL104AG-AG6-R Datasheet
184Kb / 6P
CMOS IC
US5C3305G-SM1-R UTC-US5C3305G-SM1-R Datasheet
225Kb / 5P
CMOS IC
US206HG-10-AF5-R UTC-US206HG-10-AF5-R Datasheet
153Kb / 4P
CMOS IC
UU97950G-P48-R UTC-UU97950G-P48-R Datasheet
297Kb / 14P
CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com