Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC621XXL-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC621XXL-AF5-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC621XXL-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC621XXL-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
UC621XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 14
www.unisonic.com.tw
QW-R502-028,B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
12
V
Output Voltage
VOUT
Vss-0.3 ~ VIN+0.3
V
CE Input Voltage
VCE
Vss-0.3 ~ VIN+0.3
V
EXT Output Voltage
VO(EXT)
12
V
EXT Output Current
IEXT
50
mA
Power Dissipation
PD
150
mW
Junction Temperature
TJ
+125
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS (Ta=25 ,
unless otherwise specified.)
UC62130
( VOUT(T) =3.0V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage (Note2)
VOUT(E)
IOUT =50mA, VIN=4.0V
2.940
3.000
3.060
V
Input Voltage
VIN
8
V
EXT Output Voltage
VEXT
8
V
High
VCEH
1.5
V
CE Level Voltage
Low
VCEL
0.25
V
Load Stability (Note 4)
VOUT
VIN =4.0V, 1mA≤IOUT≤100mA
-60
60
mV
Input-Output Voltage Differential
VDIFF
IOUT =100mA
100
mV
Maximum Output Current(Note 4)
IOUT (max)
VIN=4.0V
1000
mA
Supply Current1
Iss1
VIN =4.0V, VCE =Vss
0.6
µA
Supply Current2
Iss2
VIN =8.0V, VCE =VIN
50
80
µA
EXT Leakage Current
ILEAK
0.5
µA
High
ICEH
VCE =VIN
0.1
µA
CE Level Current
Low
ICEL
VCE =Vss
-0.2
-0.05
0
µA
Input Stability (Note 4)
VOUT
VIN×VOUT
IOUT =50mA, 4.0V≤VIN≤8.0V
0.1
0.3
%/V
Output Voltage Temperature
Characteristics (Note 4)
VOUT
TOPR×VOUT
IOUT =10mA, -20℃≤TOPR≤85℃
±100
ppm/℃
UC62133
(VOUT(T)=3.3V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage (Note2)
VOUT(E)
IOUT =50mA, VIN =4.3V
3.234
3.300
3.366
V
Input Voltage
VIN
8
V
EXT Output Voltage
VEXT
8
V
High
VCEH
1.5
V
CE Level Voltage
Low
VCEL
0.25
V
Load Stability (Note 4)
VOUT
VIN =4.3V, 1mA≤IOUT≤100mA
-60
60
mV
Input-Output Voltage Differential
VDIFF
IOUT =100mA
100
mV
Maximum Output Current (Note 4)
IOUT (max)
VIN =4.3V
1000
mA
Supply Current1
Iss1
VIN =4.3V, VCE =Vss
0.6
µA
Supply Current2
Iss2
VIN =8.0V, VCE =VIN
50
80
µA
EXT Leakage Current
ILEAK
0.5
µA
High
ICEH
VCE =VIN
0.1
µA
CE Level Current
Low
ICEL
VCE =Vss
-0.2
-0.05
0
µA
Input Stability (Note 4)
VOUT
VIN×VOUT
IOUT =50mA, 4.3V≤VIN≤8.0V
0.1
0.3
%/V
Output Voltage Temperature
Characteristics (Note 4)
VOUT
TOPR×VOUT
IOUT =10mA, -20℃≤TOPR≤85℃
±
100
ppm/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com