Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC621XXL-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC621XXL-AF5-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC621XXL-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UC621XXL-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 10Page - Unisonic Technologies UC621XXL-AF5-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UC621XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 14
www.unisonic.com.tw
QW-R502-028,B
TYPICAL CHARACTERISTICS
(1) OUTPUT VOLTAGE vs. OUTPUT CURRENT
0200
3.3
UC62133
300
100
400
3.0
3.4
3.2
Outpout Current , IOUT (mA)
3.1
500
TOPR=25℃, VIN=4.3V
C L=10µF (tantalum)
0200
3.0
UC62130
300
100
400
2.7
3.1
2.9
Outpout Current , IOUT (mA)
2.8
500
TOPR=25℃, VIN=4.0V
CL=10µF (tantalum)
0200
5.0
UC62150
300
100
400
4.7
5.1
4.9
Outpout Current, I OUT (mA)
4.8
500
0200
4.0
UC62140
300
100
400
3.7
4.1
3.9
Outpout Current, IOUT (mA)
3.8
500
TOPR =25℃, VIN=6V
CL=10µF (tantalum)
TOPR =25℃,VIN=5V
CL=10µF (tantalum)
(2) OUTPUT VOLTAGE vs. INPUT VOLTAGE
2.5
3.0
3.2
3.0
3.5
2.8
2.6
UC62130
34
3.05
5
2.85
3.10
3.00
6
2.95
2.90
2.4
2.2
Input Voltage, VIN (V)
Input Voltage, VIN (V)
500mA
100mA
500mA
100mA
UC62130
I OUT=1mA
IOUT =1mA
TOPR =25℃
CL=10µF (tantalum)
TOPR =25℃
CL=10µF (tantalum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com