Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STC89LE52RC Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # STC89LE52RC
Description  STC12C5410AD
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC89LE52RC Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button STC89LE52RC Datasheet HTML 16Page - List of Unclassifed Manufacturers STC89LE52RC Datasheet HTML 17Page - List of Unclassifed Manufacturers STC89LE52RC Datasheet HTML 18Page - List of Unclassifed Manufacturers STC89LE52RC Datasheet HTML 19Page - List of Unclassifed Manufacturers STC89LE52RC Datasheet HTML 20Page - List of Unclassifed Manufacturers STC89LE52RC Datasheet HTML 21Page - List of Unclassifed Manufacturers STC89LE52RC Datasheet HTML 22Page - List of Unclassifed Manufacturers STC89LE52RC Datasheet HTML 23Page - List of Unclassifed Manufacturers STC89LE52RC Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
20
STC12C5410AD 系列 8051 单片机内核特殊功能寄存器   C51 Core SFRs
Mnemonic
Add
Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
ACC
E0h
Accumulator
0000,0000
B
F0h
B Register
0000,0000
PSW
D0h
Program Status Word
CY
AC
F0
RS1
RS0
OV
 F1
 P
0000,0000
SP
81h
Stack Pointer
0000,0111
DPL
82h
Data Pointer Low Byte
0000,0000
DPH
83h
Data Pointer High Byte
0000,0000
STC12C5410AD 系列 8051  单片机系统管理特殊功能寄存器 System Management SFRs
Mnemonic Add Name
  7
 6
 5
 4
 3
 2
1
 0
Reset value
PCON
87h Power  Control
SMOD
 SMOD0
 LVDF
POF
GF1
GF0
   PD
IDL
0011,0000
AUXR
8Eh Auxiliary  Register  T0x12  T1x12  UART_M0x6  EADCI  ESPI
 ELVDI
-
-
0000,00xx
CLK_DIV
C7h Clock  Divder
-
-
-
-
-
CLKS2
CLKS1
CLKS0
xxxx,x000
STC12C5410AD 系列 8051 单片机 I/O 口 特殊功能寄存器   Port SFRs
Mnemonic
Add
      Name
 7
 6
 5
  4
 3
 2
 1
 0
Reset Value
P0
80h
8-bit  Port  0
-
-
-
-
P0.3
P0.2
P0.1
P0.0
xxxx,1111
P0M0
93h
0000,0000
P0M1
94h
0000,0000
P1
90h
8-bit  Port  1
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
1111,1111
P1M0
91h
0000,0000
P1M1
92h
0000,0000
P2
A0h
8-bit  Port  2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
1111,1111
P2M0
95h
0000,0000
P2M1
96h
0000,0000
P3
B0h
8-bit  Port  3
P3.7
  -
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
1x11,1111
P3M0
B1h
0000,0000
P3M1
B2h
0000,0000
Mnemonic Add
Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
SCON
98h
Serial  Control
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
0000,0000
SBUF
99h
Serial  Data  Buffer
xxxx,xxxx
SADEN
B9h
Slave  Address  Mask
0000,0000
SADDR
A9h
Slave  Address
0000,0000
AUXR
8Eh
Auxiliary  Register
T0x12
T1x12
UART_M0x6
EADCI ESPI ELVDI
 -
 -
0000,00xx
STC12C5410AD 系列 8051 单片机 串行口 特殊功能寄存器    Serial I/O Port SFRs
Mnemonic
Add
Name
      7
 6
   5
     4
     3
 2
 1
 0
Reset Value
WDT_CONTR E1h
Watch-Dog-Timer
Control register
 WDT_FLAG
 -
EN_WDT CLR_WDT IDLE_WDT PS2 PS1 PS0 xx00,0000
STC12C5410AD 系列 8051 单片机 看门狗定时器 特殊功能寄存器 Watch Dog Timer SFRs
STC12C5410AD 系列 8051 单片机 定时器 特殊功能寄存器    Timer SFRs
Mnemonic Add
Name
 7
 6
 5
 4
 3
 2
 1
 0
Reset Value
TCON
88h
Timer / Counter 0 and 1 Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
0000,0000
TMOD
89h
Timer / Counter 0 and 1 Modes
GATE
GATE1
C/T#
C/T1#
M1
M1_1
M0
M1_0
GATE
GATE0
C/T#
C/T0#
M1
M0_1
M0
M0_0
0000,0000
TL0
8Ah
Timer / Counter 0 Low Byte
0000,0000
TH0
8Ch
Timer / Counter 0 High Byte
0000,0000
TL1
8Bh
Timer / Counter 1 Low Byte
0000,0000
TH1
8Dh
Timer / Counter 1 High Byte
0000,0000
AUXR
8Eh
Auxiliary  Register
T0x12 T1x12 UART_M0x6
EADCI
ESPI
ELVDI
 -
 -
0000,00xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com