Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE11204A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE11204A
Description  N-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11204A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE11204A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11204A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE11204A Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE11204A
N-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE11204A is the N-Channel enhancement mode power field effect transistors are produced
using high cell density, DMOS trench technology. This high-density process is especially tailored to
minimize on-state resistance and provide superior switching performance. These devices are particularly
suited for low voltage applications such as notebook computer power management and other battery
powered circuits where high-side switching, low in-line power loss and resistance to transients are
needed.
Features
20V/0.65A,RDS(ON)=380mΩ@VGS=4.5V
20V/0.55A,RDS(ON)=450mΩ@VGS=2.5V
20V/0.45A,RDS(ON)=800mΩ@VGS=1.8V
Super high-density cell design for extremely low RDS (ON)
Exceptional on-resistance and maximum DC current capability
Applications
Drivers: Relays/Solenoids/Lamps/Hammers
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
0.65
A
TA=80℃
0.45
Pulsed Drain Current
IDM
1.0
A
Continuous Source Current (Diode Conduction)
IS
0.3
A
Power Dissipation
TA=25℃
PD
0.27
W
TA=70℃
0.16
Operating Junction Temperature
TJ
-55~150
O
C
Storage Temperature Range
TSTG
-55~150
O
C


Similar Part No. - ACE11204A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE112003B ACE-ACE112003B Datasheet
219Kb / 3P
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE112003BQN+H ACE-ACE112003BQN+H Datasheet
219Kb / 3P
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE11205A ACE-ACE11205A Datasheet
174Kb / 3P
P-Channel Enhancement Mode MOSFET
VER 1.1
ACE11205AKM+H ACE-ACE11205AKM+H Datasheet
174Kb / 3P
P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE11204A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com