Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM3050EBRIZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM3050EBRIZ Datasheet HTML 7Page - Analog Devices ADM3050EBRIZ Datasheet HTML 8Page - Analog Devices ADM3050EBRIZ Datasheet HTML 9Page - Analog Devices ADM3050EBRIZ Datasheet HTML 10Page - Analog Devices ADM3050EBRIZ Datasheet HTML 11Page - Analog Devices ADM3050EBRIZ Datasheet HTML 12Page - Analog Devices ADM3050EBRIZ Datasheet HTML 13Page - Analog Devices ADM3050EBRIZ Datasheet HTML 14Page - Analog Devices ADM3050EBRIZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
ADM3050E
Rev. B | Page 11 of 19
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM3050E
TOP VIEW
(Not to Scale)
16
9
10
11
12
13
14
15
1
8
7
6
5
4
3
2
VDD1
GND1
GND1
TXD
NC
NC
RXD
GND1
VDD2
GND2
GND2
NC
CANL
CANH
NC
GND2
NOTES
1. NC = NO CONNECT. NO INTERNAL CONNECTION TO IC.
Figure 6. 16-Lead SOIC_W Pin Configuration
VDD1 1
TXD 2
RXD 3
GND1 4
VDD2
8
CANH
7
CANL
6
GND2
5
ADM3050E
(Not to Scale)
TOP VIEW
Figure 7. 8-Lead SOIC_IC Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
16-Lead
SOIC_W
8-Lead
SOIC_IC
1
1
VDD1
Power Supply, Logic Side, 1.7 V to 5.5 V. This pin requires a 0.1 μF decoupling capacitor.
2, 7, 8
4
GND1
Ground, Logic Side.
3
3
RXD
Receiver Output Data.
4, 5, 11, 14
N/A1
NC
No Connect. No internal connection to IC.
6
2
TXD
Driver Input Data.
9, 10, 15
5
GND2
Ground, Bus Side.
12
6
CANL
CAN Low Input and Output.
13
7
CANH
CAN High Input and Output.
16
8
VDD2
Power Supply, Bus Side, 4.5 V to 5.5 V. This pin requires a 0.1 μF decoupling capacitor.
1 N/A means not applicable.
OPERATIONAL TRUTH TABLE
Table 13. Truth Table
VDD1
VDD2
TXD
Mode
RXD
CANH/CANL
On
On
Low
Normal
Low
Dominant (limited by tDT)
On
On
High
Normal
High per bus
Recessive and set by bus
Off
On
Don’t care
Normal
Indeterminate
Recessive and set by bus
On
Off
Don’t care
Transceiver off
High
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com