Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM3050EBRIZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM3050EBRIZ Datasheet HTML 11Page - Analog Devices ADM3050EBRIZ Datasheet HTML 12Page - Analog Devices ADM3050EBRIZ Datasheet HTML 13Page - Analog Devices ADM3050EBRIZ Datasheet HTML 14Page - Analog Devices ADM3050EBRIZ Datasheet HTML 15Page - Analog Devices ADM3050EBRIZ Datasheet HTML 16Page - Analog Devices ADM3050EBRIZ Datasheet HTML 17Page - Analog Devices ADM3050EBRIZ Datasheet HTML 18Page - Analog Devices ADM3050EBRIZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ADM3050E
Data Sheet
Rev. B | Page 18 of 19
The ratings in certification documents are usually based on
60 Hz sinusoidal stress because this reflects isolation from line
voltage. Many practical applications have combinations of 60 Hz
ac and dc across the barrier, as shown in Equation 1. Because
only the ac portion of the stress causes wear out, the equation
can be rearranged to solve for the ac rms voltage, as shown in
Equation 2. For insulation wear out with the polyimide materials
used in these products, the ac rms voltage determines the
product lifetime.
22
RMS
AC RMS
DC
VV
V
=
+
(1)
or
2
2
DC
RMS
RMS
AC
V
V
V
−
=
(2)
where:
VRMS is the total rms working voltage.
VAC RMS is the time varying portion of the working voltage.
VDC is the dc offset of the working voltage.
CALCULATION AND USE OF PARAMETERS
EXAMPLE
The following example frequently arises in power conversion
applications. Assume that the line voltage on one side of the
isolation is 240 V ac rms and a 400 VDC bus voltage is present on
the other side of the isolation barrier. The isolator material is
polyimide. To establish the critical voltages in determining the
creepage, clearance, and lifetime of a device, see Figure 27 and
the following equations.
TIME
VAC RMS
VRMS
VDC
VPEAK
Figure 27. Critical Voltage Example
The working voltage across the barrier from Equation 1 is
22
RMS
AC RMS
DC
VV
V
=
+
2
2
400
240 +
=
RMS
V
VRMS = 466 V
This VRMS value is the working voltage used together with the
material group and pollution degree when looking up the creepage
required by a system standard.
To determine if the lifetime is adequate, obtain the time varying
portion of the working voltage. To obtain the ac rms voltage,
use Equation 2.
2
2
DC
RMS
RMS
AC
V
V
V
−
=
2
2
400
466 −
=
RMS
AC
V
VAC RMS = 240 V rms
In this case, the ac rms voltage is simply the line voltage of
240 V rms. This calculation is more relevant when the waveform is
not sinusoidal. The value is compared to the limits for working
voltage in Table 11 for the expected lifetime, which is less than a
60 Hz sine wave, and is well within the limit for a 50-year
service life.
Note that the dc working voltage limit is set by the creepage of
the package as specified in IEC 60664-1. This value can differ
for specific system level standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com