Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SP Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC18F2450-E/SP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SP Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC18F2450-E/SP Datasheet HTML 16Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 17Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 18Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 19Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 20Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 21Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 22Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 23Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 320 page
background image
PIC18F2450/4450
DS39760A-page 18
Advance Information
© 2006 Microchip Technology Inc.
PORTB is a bidirectional I/O port. PORTB can be
software programmed for internal weak pull-ups on all
inputs.
RB0/AN12/INT0
RB0
AN12
INT0
33
9
8
I/O
I
I
TTL
Analog
ST
Digital I/O.
Analog input 12.
External interrupt 0.
RB1/AN10/INT1
RB1
AN10
INT1
34
10
9
I/O
I
I
TTL
Analog
ST
Digital I/O.
Analog input 10.
External interrupt 1.
RB2/AN8/INT2/VMO
RB2
AN8
INT2
VMO
35
11
10
I/O
I
I
O
TTL
Analog
ST
—
Digital I/O.
Analog input 8.
External interrupt 2.
External USB transceiver VMO output.
RB3/AN9/VPO
RB3
AN9
VPO
36
12
11
I/O
I
O
TTL
Analog
—
Digital I/O.
Analog input 9.
External USB transceiver VPO output.
RB4/AN11/KBI0
RB4
AN11
KBI0
37
14
14
I/O
I
I
TTL
Analog
TTL
Digital I/O.
Analog input 11.
Interrupt-on-change pin.
RB5/KBI1/PGM
RB5
KBI1
PGM
38
15
15
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
Low-Voltage ICSP™ Programming enable pin.
RB6/KBI2/PGC
RB6
KBI2
PGC
39
16
16
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming clock pin.
RB7/KBI3/PGD
RB7
KBI3
PGD
40
17
17
I/O
I
I/O
TTL
TTL
ST
Digital I/O.
Interrupt-on-change pin.
In-Circuit Debugger and ICSP programming data pin.
TABLE 1-3:
PIC18F4450 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PDIP
QFN
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power
Note 1:
These pins are No Connect unless the ICPRT Configuration bit is set. For NC/ICPORTS, the pin is No
Connect unless ICPRT is set and the DEBUG Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com