Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2450-E/SP Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC18F2450-E/SP
Description  28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2450-E/SP Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC18F2450-E/SP Datasheet HTML 63Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 64Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 65Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 66Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 67Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 68Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 69Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 70Page - Microchip Technology PIC18F2450-E/SP Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 320 page
background image
PIC18F2450/4450
© 2006 Microchip Technology Inc.
Advance Information
DS39760A-page 65
PORTC
RC7
RC6
RC5(6)
RC4(6)
—
RC2
RC1
RC0
xxxx -xxx
51, 106
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
51, 100
PORTA
—RA6(4)
RA5
RA4
RA3
RA2
RA1
RA0
-x0x 0000
51, 100
UEP15
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
51, 135
UEP14
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
51, 135
UEP13
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
51, 135
UEP12
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
51, 135
UEP11
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
51, 135
UEP10
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
51, 135
UEP9
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
51, 135
UEP8
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UEP7
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UEP6
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UEP5
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UEP4
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UEP3
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UEP2
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UEP1
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UEP0
—
—
—
EPHSHK
EPCONDIS
EPOUTEN
EPINEN
EPSTALL
---0 0000
52, 135
UCFG
UTEYE
UOEMON
—
UPUEN
UTRDIS
FSEN
PPB1
PPB0
00-0 0000
52, 132
UADDR
—
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
-000 0000
52, 136
UCON
—
PPBRST
SE0
PKTDIS
USBEN
RESUME
SUSPND
—
-0x0 000-
52, 130
USTAT
—
ENDP3
ENDP2
ENDP1
ENDP0
DIR
PPBI
—
-xxx xxx-
52, 134
UEIE
BTSEE
—
—
BTOEE
DFN8EE
CRC16EE
CRC5EE
PIDEE
0--0 0000
52, 147
UEIR
BTSEF
—
—
BTOEF
DFN8EF
CRC16EF
CRC5EF
PIDEF
0--0 0000
52, 146
UIE
—
SOFIE
STALLIE
IDLEIE
TRNIE
ACTVIE
UERRIE
URSTIE
-000 0000
52, 145
UIR
—
SOFIF
STALLIF
IDLEIF
TRNIF
ACTVIF
UERRIF
URSTIF
-000 0000
52, 144
UFRMH
—
—
—
—
—
FRM10
FRM9
FRM8
---- -xxx
52, 136
UFRML
FRM7
FRM6
FRM5
FRM4
FRM3
FRM2
FRM1
FRM0
xxxx xxxx
52, 136
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2450/4450) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Bit 21 of the TBLPTRU allows access to the device Configuration bits.
2:
The SBOREN bit is only available when BOREN<1:0> = 01; otherwise, the bit reads as ‘0’.
3:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
4:
RA6 is configured as a port pin based on various primary oscillator modes. When the port pin is disabled, all of the associated bits read ‘0’.
5:
RE3 is only available as a port pin when the MCLRE Configuration bit is clear; otherwise, the bit reads as ‘0’.
6:
RC5 and RC4 are only available as port pins when the USB module is disabled (UCON<3> = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com