Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC45205 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC45205
Description  26V/6A DC/DC Power Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45205 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC45205 Datasheet HTML 22Page - Microchip Technology MIC45205 Datasheet HTML 23Page - Microchip Technology MIC45205 Datasheet HTML 24Page - Microchip Technology MIC45205 Datasheet HTML 25Page - Microchip Technology MIC45205 Datasheet HTML 26Page - Microchip Technology MIC45205 Datasheet HTML 27Page - Microchip Technology MIC45205 Datasheet HTML 28Page - Microchip Technology MIC45205 Datasheet HTML 29Page - Microchip Technology MIC45205 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MIC45205
DS20005798B-page 26
2017 - 2022 Microchip Technology Inc.
7.0
SIMPLIFIED PCB DESIGN
RECOMMENDATIONS
7.1
Periphery I/O Pad Layout and
Large Pad for Exposed Heatsink
The board design should begin with copper/metal pads
that sit beneath the periphery leads of a mounted
B1QFN. The board pads should extend outside the
B1QFN package edge a distance of approximately
0.20 mm per side:
Total pad length = 8.00 mm + (0.20 mm per side × 2
sides) = 8.40 mm.
After completion of the periphery pad design, the larger
exposed pads will be designed to create the mounting
surface of the B1QFN exposed heatsink. The primary
transfer of heat out of the B1QFN will be directly
through the bottom surface of the exposed heatsink. To
aid in the transfer of generated heat into the PCB, the
use of an array of plated through-hole vias beneath the
mounted part is recommended. The typical via hole
diameter is 0.30 mm to 0.35 mm, with center-to-center
pitch of 0.80 mm to 1.20 mm.
FIGURE 7-1:
Package Bottom View vs. PCB Recommended Exposed Metal Trace.
Please note that the exposed metal trace is a “mirror
image” of the package bottom view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com